Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2564UC13X Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FAN2564UC13X
Descripción Electrónicos  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564UC13X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN2564UC13X Datasheet HTML 1Page - Fairchild Semiconductor FAN2564UC13X Datasheet HTML 2Page - Fairchild Semiconductor FAN2564UC13X Datasheet HTML 3Page - Fairchild Semiconductor FAN2564UC13X Datasheet HTML 4Page - Fairchild Semiconductor FAN2564UC13X Datasheet HTML 5Page - Fairchild Semiconductor FAN2564UC13X Datasheet HTML 6Page - Fairchild Semiconductor FAN2564UC13X Datasheet HTML 7Page - Fairchild Semiconductor FAN2564UC13X Datasheet HTML 8Page - Fairchild Semiconductor FAN2564UC13X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be oper-
able above the recommended operating conditions and stressing the parts to these levels is not recommended. In
addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
Input Voltage with Respect to GND
-0.3
4.5
V
Voltage on Any Other Pin with Respect to GND
-0.3
VIN
V
TJ
Junction Temperature
-40
+150
°C
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Temperature (Soldering 10 Seconds)
+260
°C
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
4
kV
Charged Device Model per JESD22-C101
2
Machine Model per JESD22-A115
200
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage Range
1.8
3.6
V
IOUT
Output Current
0
300
mA
CIN
Input Capacitor
1.0
µF
COUT
Output Capacitor
1.0
4.7
10.0
µF
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
Thermal Properties
Symbol
Parameter
Min.
Typ.
Max.
Units
ΘJA
Junction-to-Ambient Thermal Resistance
(2)
WLSCP
200
°C/W
UMLP
49
°C/W
Note:
2.
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured
with four-layer 2s2p boards in accordance to JESD51- JEDEC standard. Special attention must be paid not to
exceed junction temperature TJ(max) at a given ambient temperate TA.


Número de pieza similar - FAN2564UC13X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2564UC13X FAIRCHILD-FAN2564UC13X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

Descripción similar - FAN2564UC13X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com