Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4800ASMY Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN4800ASMY
Descripción Electrónicos  PFC/PWM Controller Combination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800ASMY Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4800ASMY Datasheet HTML 1Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 2Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 3Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 4Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 5Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 6Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 7Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 8Page - Fairchild Semiconductor FAN4800ASMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2010
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800AS/CS/01S/02S • Rev. 1.0.1
FAN4800AS/CS/01S/2S
PFC/PWM Controller Combination
Features
Pin-to-Pin Compatible with ML4800 and FAN4800
and CM6800 and CM6800A
PWM Configurable for Current Mode or
Feedforward Voltage-Mode Operation
Internally Synchronized Leading-Edge PFC and
Trailing-Edge PWM in One IC
Low Operating Current
Innovative Switching-Charge Multiplier Divider
Average-Current Mode for Input-Current Shaping
PFC Over-Voltage and Under-Voltage Protections
PFC Feedback Open-Loop Protection
Cycle-by-Cycle Current Limiting for PFC/PWM
Power-on Sequence Control and Soft-Start
Brownout Protection
Interleaved PFC/PWM Switching
Improved Efficiency at Light Load
fRTCT=4•fPFC=4•fPWM for FAN4800AS/01S
fRTCT=4•fPFC=2•fPWM for FAN4800CS/02S
Applications
Desktop PC Power Supply
Internet Server Power Supply
LCD TV, Monitor Power Supply
UPS
Battery Charger
DC Motor Power Supply
Monitor Power Supply
Telecom System Power Supply
Distributed Power
Related Resources
AN-8027 - FAN480X PFC+PWM Combination
Controller Application
Description
The highly integrated FAN4800AS/CS/01S/02S parts
are specially designed for power supplies that consist of
boost PFC and PWM. They require very few external
components
to
achieve
versatile
protections
/
compensation. They are available in 16-pin DIP and
SOP packages.
The PWM can be used in either current or voltage
mode. In voltage mode, feed-forward from the PFC
output bus can reduce the secondary output ripple.
Compared with older productions, ML4800 and
FAN4800,
FAN4800AS/CS/01S/02S
have
lower
operation current that saves power consumption in
external
devices.
FAN4800AS/CS/01S/02S
have
accurate 49.9% maximum duty of PWM that makes the
hold-up time longer. Brownout protection and PFC soft-
start functions available in this series are not available
in ML4800 and FAN4800.
To evaluate FAN4800AS/CS/01S/02S for replacing
existing FAN4800 and ML4800 boards, five things must
be completed before the fine-tuning procedure:
1.
Change RAC resister from the old value to a higher
resister: between 6M
Ω to 8MΩ.
2.
Change RT/CT pin from the existing values to
RT=6.8kΩ and CT=1000pF to have fPFC=64kHz and
fPWM=64kHz.
3.
The VRMS pin needs to be 1.224V at VIN=85 VAC
for universal input application from line input from
85VAC to 270VAC.
4.
At full load, the average VVEA needs to be ~4.5V
and the ripple of VVEA needs to be less than
400mV.
5.
For the Soft-Start pin, the soft-start current has
been reduced to half the FAN4800 capacitor.
There are two differences from FAN4800A/C/01/02 to
FAN4800AS/CS/01S/02S:
1.
Under-voltage
protection
debounce
time
is
extended to one second.
2.
PWM gate clamp voltage is raised to 19V.


Número de pieza similar - FAN4800ASMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AMY FAIRCHILD-FAN4800AMY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN4800AMY FAIRCHILD-FAN4800AMY Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800ANY FAIRCHILD-FAN4800ANY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results

Descripción similar - FAN4800ASMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com