Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5234MTCX Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN5234MTCX
Descripción Electrónicos  Dual Mobile-Friendly PWM / PFM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5234MTCX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5234MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5234 • Rev. 2.0.0
9
LD RV
PGN D
ISN S
in+
in-
2.5 V
ILIM det.
R
SE NSE
SS
1.5M
CSS
VSEN
Vto I
Reference
and
Soft-Start
17 pf
I2 =
IL IM *11
ILIM
0.9 V
R
ILIM
ILIM
S/ H
TO
PW M
CO M P
3 00K
0 .17p f
4.1 4 K
ISNS
ISNS
Figure 6. Current Limit / Summing Circuits
More accurate sensing can be achieved by using a
resistor (R1) instead of the RDS(ON) of the FET, as shown
in Figure 5. This approach causes higher losses, but
yields greater accuracy in both VDROOP and ILIMIT. R1 is a
low value (e.g. 10m
Ω) resistor.
Current limit (ILIMIT) should be set high enough to allow
inductor current to rise in response to an output load
transient. Typically, a factor of 1.2 is sufficient. Since
ILIMIT is a peak current cut-off value, multiply ILOAD(MAX) by
the inductor ripple current (use 25%). For example, in
Figure 1 the target for ILIMIT would be:
ILIMIT > 1.2 x 1.25 x 1.6 x 3.5A
8.5A
(6)
Duty Cycle Clamp
During severe load increase, the error amplifier output
can go to its upper limit, pushing a duty cycle to almost
100% for a significant amount of time. This could cause
a large increase of the inductor current and lead to a
long recovery from a transient over-current condition or
even to a failure at high input voltages. To prevent this,
the output of the error amplifier is clamped to a fixed
value after two clock cycles if severe output voltage
excursion is detected, limiting maximum duty cycle to:
⎟⎟
⎜⎜
+
=
IN
V
4
.
2
V
V
DC
IN
OUT
MAX
(7)
This is designed to not interfere with normal PWM
operation. When FPWM is grounded, the duty cycle
clamp is disabled and the maximum duty cycle is 87%.
Gate Driver
The adaptive gate control logic translates the internal
PWM control signal into the MOSFET gate drive
signals, providing necessary amplification, level shifting,
and shoot-through protection. It also has functions that
help optimize the IC performance over a wide range of
operating conditions. Since MOSFET switching time
can vary dramatically from type to type and with the
input voltage, the gate control logic provides adaptive
dead time by monitoring the gate-to-source voltages of
both upper and lower MOSFETs. The lower MOSFET
drive is not turned on until the gate-to-source voltage of
the upper MOSFET has decreased to less than
approximately 1V. Similarly, the upper MOSFET is not
turned on until the gate-to-source voltage of the lower
MOSFET has decreased to less than approximately 1V.
This allows a wide variety of upper and lower MOSFETs
to be used without concern for simultaneous conduction
or shoot-through.
There must be a low-resistance, low-inductance path
between the driver pin and the MOSFET gate for the
adaptive dead-time circuit to work properly. Any delay
along that path subtracts from the delay generated by the
adaptive dead-time circuit and shoot-through may occur.
Frequency Loop Compensation
Due to the implemented current-mode control, the
modulator has a single-pole response with -1 slope at
frequency determined by load. Therefore:
O
OC
R
2
1
f
PO
π
=
(8)
where RO is load resistance and CO is load capacitance.
For this type of modulator, type-2 compensation circuit
is usually sufficient. To reduce the number of external
components and simplify the design task, the PWM
controller has an internally compensated error amplifier.
Figure 7 shows a type two amplifier, its response, and
the responses of a current mode modulator and the
converter. The type-2 amplifier, in addition to the pole at
the origin, has a zero-pole pair that causes a flat gain
region at frequencies between the zero and the pole.


Número de pieza similar - FAN5234MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5234MTCX FAIRCHILD-FAN5234MTCX Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
More results

Descripción similar - FAN5234MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com