Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC78M12CDT Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza MC78M12CDT
Descripción Electrónicos  3-Terminal 0.5A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78M12CDT Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MC78M12CDT Datasheet HTML 1Page - Fairchild Semiconductor MC78M12CDT Datasheet HTML 2Page - Fairchild Semiconductor MC78M12CDT Datasheet HTML 3Page - Fairchild Semiconductor MC78M12CDT Datasheet HTML 4Page - Fairchild Semiconductor MC78M12CDT Datasheet HTML 5Page - Fairchild Semiconductor MC78M12CDT Datasheet HTML 6Page - Fairchild Semiconductor MC78M12CDT Datasheet HTML 7Page - Fairchild Semiconductor MC78M12CDT Datasheet HTML 8Page - Fairchild Semiconductor MC78M12CDT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC78MXX/LM78MXX
3
Electrical Characteristics (MC78M06) (Continued)
(Refer to the test circuits, 0 < TJ < +125°C, IO=350mA, VI =11V, unless otherwise specified, CI=0.33μF, CO=0.1μF)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in Vo due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25°C
5.75
6
6.25
V
IO = 5mA to 350mA
VI = 8V to 21V
5.7
6
6.3
Line Regulation (Note1)
ΔVO
IO = 200mA
TJ = +25°C
VI = 8V to 25V
-
-
100
mV
VI = 9V to 25V
-
-
50
Load Regulation (Note1)
ΔVO
IO = 5mA to 0.5A, TJ = +25°C
-
-
120
mV
IO = 5mA to 200mA, TJ = +25°C-
-
60
Quiescent Current
IQ
TJ = +25°C-
4.0
6.0
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 350mA
-
-
0.5
mA
IO = 200mA
VI = 9V to 25V
--
0.8
Output Voltage Drift
ΔV/ΔT
IO = 5mA
TJ = 0 to +125°C
--0.5
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
-
45
-
μV/Vo
Ripple Rejection
RR
f = 120Hz, IO = 300mA
VI = 9V to 19V, TJ =+25 °C
-80
-
dB
Dropout Voltage
VD
TJ =+25°C, IO = 500mA
-
2
-
V
Short Circuit Current
ISC
TJ = +25°C, VI= 35V
-
300
-
mA
Peak Current
IPK
TJ =+25°C
-
700
-
mA


Número de pieza similar - MC78M12CDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC78M12CDT MOTOROLA-MC78M12CDT Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78M12CDT ONSEMI-MC78M12CDT Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
logo
Fairchild Semiconductor
MC78M12CDT FAIRCHILD-MC78M12CDT Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Micro Commercial Compon...
MC78M12CDT MCC-MC78M12CDT Datasheet
763Kb / 2P
   Three-Terminal Positive Voltage Regulators
logo
ON Semiconductor
MC78M12CDTG ONSEMI-MC78M12CDTG Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
More results

Descripción similar - MC78M12CDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com