Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QXX35NH5RP Datasheet(PDF) 8 Page - Littelfuse

No. de pieza QXX35NH5RP
Descripción Electrónicos  30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX35NH5RP Datasheet(HTML) 8 Page - Littelfuse

  QXX35NH5RP Datasheet HTML 1Page - Littelfuse QXX35NH5RP Datasheet HTML 2Page - Littelfuse QXX35NH5RP Datasheet HTML 3Page - Littelfuse QXX35NH5RP Datasheet HTML 4Page - Littelfuse QXX35NH5RP Datasheet HTML 5Page - Littelfuse QXX35NH5RP Datasheet HTML 6Page - Littelfuse QXX35NH5RP Datasheet HTML 7Page - Littelfuse QXX35NH5RP Datasheet HTML 8Page - Littelfuse QXX35NH5RP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
144
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
35 Amp Standard & 30 / 35 Amp Alternistor (High Commutation) Triacs
Qxx30xHx & Qxx35xx & Qxx35xHx Series
Dimensions — TO-3 Fastpak (P Package) — Isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
1.531
1.543
38.90
39.20
B
1.177
1.185
29.90
30.10
C
0.843
0.850
21.40
21.60
D
0.780
0.795
19.80
20.20
E
0.783
0.791
19.90
20.10
F
0.874
0.906
22.20
23.00
G
0.161
0.169
4.10
4.30
H
0.386
0.465
9.80
11.80
I
0.508
0.587
12.90
14.90
J
0.079
0.087
2.00
2.20
K
0.047
0.055
1.20
1.40
L
0.307
0.319
7.80
8.10
M
0.372
0.396
9.45
10.05
N
0.043
0.059
1.10
1.50
O
0.315
0.331
8.00
8.40
P
0.098
0.106
2.50
2.70
Q
0.846
0.886
21.50
22.50
R
0.244
0.256
6.20
6.50
S
0.106
0.130
2.70
3.30
T(MT1)
0.321
0.329
8.15
8.35
T(MT2)
0.321
0.329
8.15
8.35
T(Gate)
0.220
0.228
5.60
5.80
U(MT1)
0.246
0.254
6.25
6.45
U(MT1)
0.246
0.254
6.25
6.45
U(Gate)
0.183
0.191
4.65
4.85
V
0.120
0.130
3.05
3.30
W
0.175
0.185
4.45
4.70
A
B
D
F
M
O
Q
R
V
J
U
T
I
Φ G
Φ J (MT1, MT2)
Thickness of all three copper-alloy terminals is .032”(0.81mm)
5 - Φ N
Φ K (Gate)
TC Measuring Point
C
E
H
Gate
MT1
MT2
LW
S
P
Maximum torque to be applied to mounting tab is 8 in-lbs
(0.904 Nm)
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
I
T(RMS)
Type
Package
400V
600V
800V
I – II – III
IV
Qxx35P5
X
X
50 mA
120 mA (TYP)
35A
Standard Triac
FASTPACK
Qxx35RH5
X
X
50 mA
35A
Alternistor Triac
TO-220R
Qxx35NH5
X
X
50 mA
35A
Alternistor Triac
TO-263 D2-PAK
Qxx30LH5
X
X
50 mA
30A
Alternistor Triac
TO-220L
Note: xx = Voltage


Número de pieza similar - QXX35NH5RP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
QXX3 LITTELFUSE-QXX3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results

Descripción similar - QXX35NH5RP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com