Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDP1300Q38B Datasheet(PDF) 5 Page - Littelfuse

No. de pieza SDP1300Q38B
Descripción Electrónicos  This new SIDACtor짰 Series provides overvoltage protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SDP1300Q38B Datasheet(HTML) 5 Page - Littelfuse

  SDP1300Q38B Datasheet HTML 1Page - Littelfuse SDP1300Q38B Datasheet HTML 2Page - Littelfuse SDP1300Q38B Datasheet HTML 3Page - Littelfuse SDP1300Q38B Datasheet HTML 4Page - Littelfuse SDP1300Q38B Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
39
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Packing Options
PackageType
Description
Quantity
Added Suffix
Industry Standard
Q38
5x6x1.5 QFN
Tape and Reel
4000
N/A
EIA-481-D
Tape and Reel Specifications — 5x6 QFN
A
B
D
C
W1
N
Reel Dimension
K0
P0
P1
W
D0
A0
D1
P2
E2
F
W0
CARRIER TAPE
COVER TAPE
T
E1
B0
Tape Dimension Items
TRAILER
160mm MIN
LEADER
400mm MIN
CARRIER TAPE
COVER TAPE
Tape Leader and Trailer Dimensions
START
END
Symbols
Description
Inches
Millimeters
Min
Max
Min
Max
A
Reel Diameter
N/A
12.992
N/A
330.0
B
Drive Spoke Width
0.059
N/A
1.50
N/A
C
Arbor Hole Diameter
0.504
0.531
12.80
13.50
D
Drive Spoke Diameter
0.795
N/A
20.20
N/A
N
Hub Diameter
1.969
N/A
50.00
N/A
W
1
Reel Inner Width at Hub
0.488
0.567
12.40
14.40
A
0
Pocket Width at Bottom
0.204
0.212
5.20
5.40
B
0
Pocket Length at Bottom 0.244
0.252
6.20
6.40
D
0
Feed Hole Diameter
0.059
0.063
1.50
1.60
D
1
Pocket Hole Diameter
0.059
N/A
1.50
N/A
E
1
Feed Hole Position 1
0.065
0.073
1.65
1.85
E
2
Feed Hole Position 2
0.400
0.408
10.15
10.35
F
Feed Hole Center -
Pocket Hole Center 2
0.212
0.220
5.40
5.60
K
0
Pocket Depth
0.067
0.075
1.70
1.90
P
0
Feed Hole Pitch
0.153
0.161
3.90
4.10
P
1
Component Spacing
0.311
0.319
7.90
8.10
P
2
Feed Hole Center -
Pocket Hole Center 1
0.077
0.081
1.90
2.10
T
Carrier Tape Thickness
0.010
0.014
0.25
0.35
W
Embossed Carrier
Tape Width
0.460
0.484
11.70
12.30
W
0
Cover Tape Width
0.358
0.366
9.10
9.30


Número de pieza similar - SDP1300Q38B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SDP1300Q38CB LITTELFUSE-SDP1300Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
SDP1300Q38CB LITTELFUSE-SDP1300Q38CB Datasheet
156Kb / 5P
   This new SDP Biased series provides overvoltage protection for applications
More results

Descripción similar - SDP1300Q38B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB_11 Datasheet
156Kb / 5P
   This new SDP Biased series provides overvoltage protection for applications
B1101UCLXX LITTELFUSE-B1101UCLXX Datasheet
144Kb / 4P
   The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection
B1100CALRP LITTELFUSE-B1100CALRP Datasheet
146Kb / 4P
   The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection devices
P0080EBL LITTELFUSE-P0080EBL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors SIDACtor짰 Protection Thyristors
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
P1100THLRP LITTELFUSE-P1100THLRP Datasheet
448Kb / 4P
   This DO-41 plastic package provides a through-hole version of the SIDACtor짰 devices.
P0080EAL LITTELFUSE-P0080EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3100EBRP2 LITTELFUSE-P3100EBRP2 Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com