Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431CD Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza TL431CD
Descripción Electrónicos  Programmable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TL431CD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TL431CD Datasheet HTML 1Page - Fairchild Semiconductor TL431CD Datasheet HTML 2Page - Fairchild Semiconductor TL431CD Datasheet HTML 3Page - Fairchild Semiconductor TL431CD Datasheet HTML 4Page - Fairchild Semiconductor TL431CD Datasheet HTML 5Page - Fairchild Semiconductor TL431CD Datasheet HTML 6Page - Fairchild Semiconductor TL431CD Datasheet HTML 7Page - Fairchild Semiconductor TL431CD Datasheet HTML 8Page - Fairchild Semiconductor TL431CD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TL431/TL431A
3
Electrical Characteristics
(TA = +25°C, unless otherwise specified)
•TMIN= -25 °C, TMAX= +85 °C
Parameter
Symbol
Conditions
TL431
TL431A
Unit
Min.
Typ.
Max.
Min.
Typ. Max.
Reference Input Voltage
VREF
VKA=VREF, IKA=10mA
2.440 2.495
2.550 2.470 2.495 2.520
V
Deviation of Reference
Input Voltage Over-
Temperature (Note 1)
ΔVREF/
ΔT
VKA=VREF, IKA=10mA
TMIN≤TA≤TMAX
-4.5
17
-
4.5
17
mV
Ratio of Change in
Reference Input Voltage
to the Change in
Cathode Voltage
ΔVREF/
ΔVKA
IKA
=10mA
ΔVKA=10V-
VREF
-
- 1.0
-2.7
-
-1.0
-2.7
mV/V
ΔVKA=36V-
10V
-
-0.5
-2.0
-
-0.5
-2.0
Reference Input Current
IREF
IKA=10mA,
R1=10KΩ,R2=∞
-1.5
4
-
1.5
4
μA
Deviation of Reference
Input Current Over Full
Temperature Range
ΔIREF/ΔT
IKA=10mA,
R1=10KΩ,R2=∞
TA =Full Range
-
0.4
1.2
-
0.4
1.2
μA
Minimum Cathode Cur-
rent for Regulation
IKA(MIN)
VKA=VREF
-
0.45
1.0
-
0.45
1.0
mA
Off - Stage Cathode
Current
IKA(OFF)
VKA=36V, VREF=0
-
0.05
1.0
-
0.05
1.0
μA
Dynamic Impedance
(Note 2)
ZKA
VKA=VREF,
IKA=1 to 100mA
f
≥1.0KHz
-
0.15
0.5
-
0.15
0.5
Ω


Número de pieza similar - TL431CD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
TL431CD MOTOROLA-TL431CD Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
First Components Intern...
TL431CD FCI-TL431CD Datasheet
465Kb / 9P
   Programmable Precision References
logo
STMicroelectronics
TL431CD STMICROELECTRONICS-TL431CD Datasheet
939Kb / 21P
   Programmable voltage reference
logo
ON Semiconductor
TL431CD ONSEMI-TL431CD Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Texas Instruments
TL431CD TI-TL431CD Datasheet
1Mb / 67P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Descripción similar - TL431CD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com