Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK401-300 Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza STK401-300
Descripción Electrónicos  3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-300 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK401-300 Datasheet HTML 1Page - Sanyo Semicon Device STK401-300 Datasheet HTML 2Page - Sanyo Semicon Device STK401-300 Datasheet HTML 3Page - Sanyo Semicon Device STK401-300 Datasheet HTML 4Page - Sanyo Semicon Device STK401-300 Datasheet HTML 5Page - Sanyo Semicon Device STK401-300 Datasheet HTML 6Page - Sanyo Semicon Device STK401-300 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image


Número de pieza similar - STK401-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK401-300 SANYO-STK401-300 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-300 SANYO-STK401-300 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK401-300 SANYO-STK401-300 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK401-300 SANYO-STK401-300 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK401-300 SANYO-STK401-300 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Descripción similar - STK401-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK4112II SANYO-STK4112II Datasheet
242Kb / 8P
   AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
STK4362 SANYO-STK4362 Datasheet
441Kb / 6P
   AF Power Amplifier (10W 10W min, THD = 1.0%)
logo
NEC
UPC1238 NEC-UPC1238 Datasheet
270Kb / 6P
   10W AF POWER AMPLIFIER
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
   10W10W10W/15W TRIPLE AMPLIFIER
logo
Sanyo Semicon Device
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK400-490 SANYO-STK400-490 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
logo
STMicroelectronics
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com