Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX339ASD+T Datasheet(PDF) 7 Page - Maxim Integrated Products

No. de pieza LMX339ASD+T
Descripción Electrónicos  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX339ASD+T Datasheet(HTML) 7 Page - Maxim Integrated Products

  LMX339ASD+T Datasheet HTML 1Page - Maxim Integrated Products LMX339ASD+T Datasheet HTML 2Page - Maxim Integrated Products LMX339ASD+T Datasheet HTML 3Page - Maxim Integrated Products LMX339ASD+T Datasheet HTML 4Page - Maxim Integrated Products LMX339ASD+T Datasheet HTML 5Page - Maxim Integrated Products LMX339ASD+T Datasheet HTML 6Page - Maxim Integrated Products LMX339ASD+T Datasheet HTML 7Page - Maxim Integrated Products LMX339ASD+T Datasheet HTML 8Page - Maxim Integrated Products LMX339ASD+T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
_______________________________________________________________________________________
7
Detailed Description
The LMX331/LMX393/LMX339 are single/dual/quad,
low-cost, general-purpose comparators. They have a
single-supply operating voltage of 1.8V to 5V. The com-
mon-mode input range extends from -0.1V below the
negative supply to within 0.7V of the positive supply.
They require approximately 60µA per comparator with
a 5V supply and 40µA with a 2.7V supply.
The LMX331H/LMX393H/LMX339H have 2mV of hys-
teresis for noise immunity. This significantly reduces the
chance of output oscillations even with slow-moving
input signals. The LMX331/LMX393/LMX339 and
LMX331H/LMX393H/LMX339H are ideal for automotive
applications because they operate from -40
°C to
+125
°C (see Typical Operating Characteristics).
Applications Information
Hysteresis
Many comparators oscillate in the linear region of oper-
ation because of noise or undesired parasitic feed-
back. This tends to occur when the voltage on one
input is equal or very close to the voltage on the other
input. The LMX331H/LMX393H/LMX339H have internal
hysteresis to counter parasitic effects and noise.
The hysteresis in a comparator creates two trip points:
one for the rising input voltage and one for the falling
input voltage (Figure 1). The difference between the trip
points is the hysteresis. When the comparator's input
voltages are equal, the hysteresis effectively causes
one comparator input to move quickly past the other,
thus taking the input out of the region where oscillation
occurs. This provides clean output transitions for noisy,
slow-moving input signals.
Additional hysteresis can be generated with two resis-
tors, using positive feedback (Figure 2). Use the follow-
ing procedure to calculate resistor values:
OUT
IN-
THRESHOLDS
IN+
HYSTERESIS
BAND
VHYST
VTL
VTH
Figure 1. Threshold Hysteresis Band (Not to Scale)
PIN
LMX331
LMX393
LMX339
NAME
FUNCTION
1
IN+
Noninverting Input
2
4
12
VSS
Negative Supply (Connect to GND)
3
IN-
Inverting Input
4
OUT
Comparator Output (Open-Drain)
5
83VDD
Positive Supply
1
2
OUTA
Comparator A Output (Open-Drain)
7
1
OUTB
Comparator B Output (Open-Drain)
2
4
INA-
Comparator A Inverting Input
3
5
INA+
Comparator A Noninverting Input
5
7
INB+
Comparator B Noninverting Input
6
6
INB-
Comparator B Inverting Input
8
INC-
Comparator C Inverting Input
9
INC+
Comparator C Noninverting Input
10
IND-
Comparator D Inverting Input
11
IND+
Comparator D Noninverting Input
13
OUTD
Comparator D Output (Open-Drain)
14
OUTC
Comparator C Output (Open-Drain)
Pin Description


Número de pieza similar - LMX339ASD+T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
LMX339ASD MAXIM-LMX339ASD Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
More results

Descripción similar - LMX339ASD+T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331_07 Datasheet
504Kb / 20P
   General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
logo
Texas Instruments
LMV393M TI-LMV393M Datasheet
1Mb / 32P
[Old version datasheet]   LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com