Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK400-660 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza STK400-660
Descripción Electrónicos  3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-660 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK400-660 Datasheet HTML 1Page - Sanyo Semicon Device STK400-660 Datasheet HTML 2Page - Sanyo Semicon Device STK400-660 Datasheet HTML 3Page - Sanyo Semicon Device STK400-660 Datasheet HTML 4Page - Sanyo Semicon Device STK400-660 Datasheet HTML 5Page - Sanyo Semicon Device STK400-660 Datasheet HTML 6Page - Sanyo Semicon Device STK400-660 Datasheet HTML 7Page - Sanyo Semicon Device STK400-660 Datasheet HTML 8Page - Sanyo Semicon Device STK400-660 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
No. 4830-4/10
STK400-020
Description of External Circuits
C1, 11, 21
For input coupling capacitor. Used for current blocking. When capacitor reactance with low frequency is increased, the reactance value
should be reduced in order to reduce the output noise from the signal resistance dependent 1/f noise. In response to the popping noise
which occurs when the system power is turned on, C1 and C11 which determine the decay time constant on the input side are
increased while C3, C13 and C23 on the NF side are decreased.
C2, 12, 22
For input filter capacitor. Permits high-region noise reduction by utilizing filter constructed with R1, R11 and R21.
C3, 13, 23
For NF capacitor. This capacitor determines the decline of the cutoff frequency and is calculated according to the following equation.
fL =
1
2
π X C3 (13, 23,) X R3 (13, 23)
For the purpose of achieving voltage gains prior to reduction, it is best that C3, C13 and C23 are large. However, because the shock
noise which occurs when the system power is turned on tends to increase, values larger than those absolutely necessary should be
avoided.
C5, 15, 25
For oscillation prevention capacitor. A Mylar capacitor with temperature and frequency features is recommended.
C6, 7
For oscillation prevention capacitor. To ensure safe IC functioning, the capacitor should be installed as close as possible to the IC
power pin to reduce power impedance. An electrolytic capacitor is good.
C8, 9, 28, 29
For decoupling capacitor. Reduces shock noise during power-up using decay time constant circuits with R8, R9, R28 and R29 and
eliminates components such as ripples crossing over into the input side from the power line.
R1, 11, 21
For input filter applied resistor.
R2, 12, 22
For input bias resistor. The input pin is biased to zero potential. Input impedance is mostly decided with this resistance value.
R3, 13, 23
For resistors to determine voltage gain (VG). We recommend a VG = 40 dB using R3, R13, R23 = 560
Ω and R4, R14 and R24 = 56Ω.
VG adjustments are best performed using R3, R13 and R23. When using R4, R14 and R24 for such purposes, R4, R14 and R24
should be set to equal R2, R12 and R22 in order to establish a stable VN balance.
R5, 15, 25
For oscillation prevention resistor.
R6, 16, 26
For oscillation prevention resistor. This resistor’s electrical output resides in the signal frequency and is calculated according to the
following formula.
P R6 (16, 26) =
(
VCC max/√2
)
2 × R6 (16, 26)
1/2
π fC5 (15, 25) + R6 (16, 26)
f = output signal frequency upper limit
R8, 9, 28, 29
For ripple filter applied resistor. PO max, ripple rejection and power-up shock noise are modified according to this value. Set the
electrical output of these resistors while keeping in mind the flow of peak current during recharging to C8, C9, C28 and C29 which
function as pre-drive TR control resistors during load shorts.
L1, 2, 3
For oscillation prevention coil. Compensates phase dislocation caused by load capacitors and ensures stable oscillation.
R4, 14, 24


Número de pieza similar - STK400-660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK400-660 SANYO-STK400-660 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-660 SANYO-STK400-660 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK400-660 SANYO-STK400-660 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK400-660 SANYO-STK400-660 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK400-660 SANYO-STK400-660 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Descripción similar - STK400-660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
STK4121V SANYO-STK4121V Datasheet
59Kb / 3P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-030 SANYO-STK401-030 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com