Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW66KG Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BCW66KG
Descripción Electrónicos  NPN Silicon AF Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW66KG Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCW66KG Datasheet HTML 1Page - Infineon Technologies AG BCW66KG Datasheet HTML 2Page - Infineon Technologies AG BCW66KG Datasheet HTML 3Page - Infineon Technologies AG BCW66KG Datasheet HTML 4Page - Infineon Technologies AG BCW66KG Datasheet HTML 5Page - Infineon Technologies AG BCW66KG Datasheet HTML 6Page - Infineon Technologies AG BCW66KG Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2007-04-20
1
BCW66
1
2
3
NPN Silicon AF Transistors
• For general AF applications
• High current gain
• Low collector-emitter saturation voltage
• Complementary type: BCW68 (PNP)
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BCW66F
BCW66KF*
BCW66G
BCW66KG*
BCW66H
BCW66KH*
EFs
EFs
EGs
EGs
EHs
EHs
1=B
1=B
1=B
1=B
1=B
1=B
2=E
2=E
2=E
2=E
2=E
2=E
3=C
3=C
3=C
3=C
3=C
3=C
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
* Shrinked chip version
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
45
V
Collector-base voltage
VCBO
75
Emitter-base voltage
VEBO
5
Collector current
IC
800
mA
Peak collector current
ICM
1
A
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation-
TS ≤ 79 °C, BCW66
TS ≤ 115 °C, BCW66K
Ptot
330
500
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
1Pb-containing package may be available upon special request


Número de pieza similar - BCW66KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCW66KG INFINEON-BCW66KG Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2011-09-30
More results

Descripción similar - BCW66KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com