Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BFY640 Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza BFY640
Descripción Electrónicos  HiRel NPN Silicon Germanium RF Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFY640 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFY640 Datasheet HTML 1Page - Infineon Technologies AG BFY640 Datasheet HTML 2Page - Infineon Technologies AG BFY640 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BFY640
IFAG IMM RPD D HIR
2 of 3
V1, June 2010
Electrical Characteristics
at TA=25°C; unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-base cutoff current
VCB = 5 V, IE = 0
ICBO
-
-
10
µA
Collector-emitter cutoff current
1)
VCE = 4.0 V, IB = 0.1 µA
ICEX
-
-
200
µA
Emitter-base cuttoff current
VEB = 1.2 V, IC = 0
IEBO
-
-
5
A
DC current gain
IC = 30 mA, VCE = 3 V
hFE
135
180
250
-
AC Characteristics
Collector-base capacitance
VCB = 2 V, VBE = vbe = 0, f = 1 MHz
CCB
-
0.07
-
pF
Collector-emitter capacitance
VCE = 2 V, VBE = vbe = 0, f = 1 MHz
CCE
-
0.45
-
pF
Emitter-base capacitance
VEB = 0.5V, VCB = vcb = 0, f = 1 MHz
CEB
-
0.6
-
pF
Noise Figure (ZS = Zsopt)
IC = 5 mA, VCE = 3 V, f = 1.8 GHz
IC = 5 mA, VCE = 3 V, f = 6.0 GHz
F
-
-
0.8
1.1
-
-
dB
Insertion power gain (ZS = ZL = 50 )
IC = 30 mA, VCE = 3 V, f = 1.8 GHz
IC = 30 mA, VCE = 3 V, f = 6.0 GHz
|S21e|
2
-
-
22.5
12.5
-
-
dB
Power gain (ZS = ZSopt , ZL = ZLopt)
IC = 30 mA, VCE = 3 V, f = 1.8 GHz
Gms
2)
-
24
-
dB
Power gain (ZS = ZSopt , ZL = ZLopt)
IC = 30 mA, VCE = 3 V, f = 6.0 GHz
Gma
2)
-
14
-
dB
Notes.:
1) This Test assures V(BR)CE0 > 4.0V
2)
G
S
S
k
k
ma
21
12
1
2
(
) ,
G
S
S
ms
21
12


Número de pieza similar - BFY640

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BFY64 SEME-LAB-BFY64 Datasheet
11Kb / 1P
   Bipolar PNP Device
logo
Central Semiconductor C...
BFY64 CENTRAL-BFY64 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Descripción similar - BFY640

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BFY420 INFINEON-BFY420 Datasheet
406Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193 INFINEON-BFY193_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY182 INFINEON-BFY182 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 1999
BFY183 INFINEON-BFY183 Datasheet
42Kb / 5P
   HiRel NPN Silicon RF Transistor
Jul. 0101
BFY196 INFINEON-BFY196 Datasheet
437Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY182 INFINEON-BFY182_11 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY420 INFINEON-BFY420_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405 Datasheet
434Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY183 INFINEON-BFY183_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com