Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK4201V Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza STK4201V
Descripción Electrónicos  AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.08%)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4201V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK4201V Datasheet HTML 1Page - Sanyo Semicon Device STK4201V Datasheet HTML 2Page - Sanyo Semicon Device STK4201V Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STK4201V
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
61197HA (ID) / D2593YK 5-2376 No. 4584—1/3
Ordering number: EN 4584A
Thick Film Hybrid IC
AF Power Amplifier (Split Power Supply)
(60W + 60W min, THD = 0.08%)
Features
• The STK4201II series (THD=0.4%), STK4201V series
(THD=0.08%) and STK4141X series (THD=0.02%)
are pin-compatible. Once the PCB pattern is designed,
you can easily satisfy the requirements for new sets sim-
ply by changing the IC.
• Built-in muting circuit to cut off various kinds of pop
noise.
• Current mirror circuit application reduces distortion to
0.08%.
Package Dimensions
unit: mm
4086A
[STK4201V]
Specifications
Maximum Ratings at Ta = 25
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±57
V
Thermal resistance
θj-c
1.5
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature
Tstg
−30 to +125
°C
Available time for load short-circuit
ts
VCC = ±39V, RL = 8Ω,
f = 50Hz, PO = 60W
1s
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
±39
V
Load resistance
RL
8


Número de pieza similar - STK4201V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK4201V ETC1-STK4201V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Descripción similar - STK4201V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK4201II SANYO-STK4201II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.4%)?
STK405-100 SANYO-STK405-100 Datasheet
87Kb / 4P
   2ch AF Power Amplifier (Split Power Supply) 60W 60W min, THD =10%????????????
STK4030V SANYO-STK4030V Datasheet
374Kb / 5P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.08%)???
STK4151V SANYO-STK4151V Datasheet
379Kb / 5P
   AF Power Amplifier (Split Power Supply) (30W 30W min, THD = 0.08%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4181V SANYO-STK4181V Datasheet
248Kb / 8P
   AF Power Amplifier (Split Power Supply) (45W 45W min, THD = 0.08%)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com