Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP30R06W1E3 Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza FP30R06W1E3
Descripción Electrónicos  EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP30R06W1E3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FP30R06W1E3 Datasheet HTML 1Page - Infineon Technologies AG FP30R06W1E3 Datasheet HTML 2Page - Infineon Technologies AG FP30R06W1E3 Datasheet HTML 3Page - Infineon Technologies AG FP30R06W1E3 Datasheet HTML 4Page - Infineon Technologies AG FP30R06W1E3 Datasheet HTML 5Page - Infineon Technologies AG FP30R06W1E3 Datasheet HTML 6Page - Infineon Technologies AG FP30R06W1E3 Datasheet HTML 7Page - Infineon Technologies AG FP30R06W1E3 Datasheet HTML 8Page - Infineon Technologies AG FP30R06W1E3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
*
#
% $
!
"
=
%
@
*
*
7PQ / &R<
(,-.
!
(
=
*
8
<
7, / !&R<S 7PQ / T&R<
7, / &R<S 7PQ / T&R<
0,123
0,
T
4
4
N
8
=
@
E
=
U /
0,56
!
4
A
(
*
9
7, / &R<S 7PQ / T&R<
ND2D
&
J
A
%
@
E
*
*
=
*
(V-.
W+
(
#
$
;
=
%
@) *
*
*
*
0, /
4S (V- / & (
0, /
4S (V- / & (
0, /
4S (V- / & (
(,- BCD
S&&
ST
S
S
(
(
(
7PQ / &R<
7PQ /
&R<
7PQ / & R<
A
@ 89
*
*
8
8
*
0, / S
4S (,- / (V-S 7PQ / &R<
(V-DX
YS
&S
!S&
(
A
*
*
8 *
(V- /
& (
W & (
ZV
S
[<
0
A
9
*
7PQ / &R<
KV\1D
S
]
% *
* =
E )
/
:ES 7PQ / &R<S (,- / & (S (V- /
(
<\^B
S!&
>
KI =9 =
* =
E )
/
:ES 7PQ / &R<S (,- / & (S (V- /
(
<_^B
S &
>
=
%
K
(,- / !
(S (V- /
(S 7PQ / &R<
0,-.
S
4
A
%
K
*
= *
(,- /
(S (V- /
(S 7PQ / &R<
0V-.
Y
4
%
8
EL*
* E
$
#
'
$
'
0, /
4S (,- /
(
(V- / ` & (
KV21 /
]
a 21
S Y
S Y
S Y
[
[
[
7PQ / &R<
7PQ /
&R<
7PQ / & R<
4
* E
$
=
#
'
$
'
0, /
4S (,- /
(
(V- / ` & (
KV21 /
]
_
S
S
S
[
[
[
7PQ / &R<
7PQ /
&R<
7PQ / & R<
4
8
EL*
* E
$
#
'
$
'
0, /
4S (,- /
(
(V- / ` & (
KV2bb /
]
a 2bb
S
S &
S !
[
[
[
7PQ / &R<
7PQ /
&R<
7PQ / & R<
>
E
$
=
#
'
$
'
0, /
4S (,- /
(
(V- / ` & (
KV2bb /
]
b
S
&
S Y
SY&
[
[
[
7PQ / &R<
7PQ /
&R<
7PQ / & R<
%
8
*
N
*
0, /
4S (,- /
(S #. /
:
(V- / ` & (
KV21 /
]
%21
S
S
S
c
c
c
7PQ / &R<
7PQ /
&R<
7PQ / & R<
4
8
*
N
*
0, /
4S (,- /
(S #. /
:
(V- / ` & (
KV2bb /
]
%2bb
S!
S
S &
c
c
c
7PQ / &R<
7PQ /
&R<
7PQ / & R<
E
8
8
@<
(V- d & (S (,, / ! (
(,-3Ce / (,-. #B,- f
+
0.,
&
4
4
7PQ / &R<
7PQ / & R<
U d
[ S
U d ! [ S
0
J)
9
8
S g
0A 7 +
0A 7
KDXh,
S &
S
+J
i
*
* J)
9
8
S
8
=
0A 7 +
0A 7
jUCBD^ /
J+$ f ' + jk_^CB^ /
J+$ f '
KDX,l
S
+J


Número de pieza similar - FP30R06W1E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
965Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3_13 Datasheet
965Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP30R06W1E3_B11 INFINEON-FP30R06W1E3_B11 Datasheet
679Kb / 12P
   EasyPIM module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP30R06W1E3_B11 INFINEON-FP30R06W1E3_B11 Datasheet
845Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
FP30R06W1E3_B11 INFINEON-FP30R06W1E3_B11_13 Datasheet
845Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
More results

Descripción similar - FP30R06W1E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3 INFINEON-FP15R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP20R06W1E3 INFINEON-FP20R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3 INFINEON-FB30R06W1E3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP10R06W1E3 INFINEON-FP10R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB10R06W1E3 INFINEON-FB10R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB15R06W1E3 INFINEON-FB15R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com