Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F14K22LIN Datasheet(PDF) 35 Page - Microchip Technology

No. de pieza PIC18F14K22LIN
Descripción Electrónicos  20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22LIN Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC18F14K22LIN Datasheet HTML 31Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 32Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 33Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 34Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 35Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 36Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 37Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 38Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41580A-page 39
PIC18F14K22LIN
REGISTER 6-3:
BAUDCON: BAUD RATE CONTROL REGISTER
R-0
R-1
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
ABDOVF
RCIDL
0
0
BRG16
WUE
ABDEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ABDOVF: Auto-Baud Detect Overflow bit
Asynchronous mode:
1
= Auto-baud timer overflowed
0
= Auto-baud timer did not overflow
Synchronous mode:
Don’t care
bit 6
RCIDL: Receive Idle Flag bit
Asynchronous mode:
1
= Receiver is Idle
0
= Start bit has been detected and the receiver is active
Synchronous mode:
Don’t care
bit 5
Must be ‘0’
bit 4
Must be ‘0’
bit 3
BRG16: 16-bit Baud Rate Generator bit
1
= 16-bit Baud Rate Generator is used (SPBRGH:SPBRG)
0
= 8-bit Baud Rate Generator is used (SPBRG)
bit 2
Unimplemented: Read as ‘0’
bit 1
WUE: Wake-up Enable bit
Asynchronous mode:
1
= Receiver is waiting for a falling edge. No character will be received but RCIF will be set on the
falling edge. WUE will automatically clear on the rising edge.
0
= Receiver is operating normally
Synchronous mode:
Don’t care
bit 0
ABDEN: Auto-Baud Detect Enable bit
Asynchronous mode:
1
= Auto-Baud Detect mode is enabled (clears when auto-baud is complete)
0
= Auto-Baud Detect mode is disabled
Synchronous mode:
Don’t care


Número de pieza similar - PIC18F14K22LIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC18F14K22 MICROCHIP-PIC18F14K22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F14K22 MICROCHIP-PIC18F14K22 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F14K22-E/ML MICROCHIP-PIC18F14K22-E/ML Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F14K22-E/P MICROCHIP-PIC18F14K22-E/P Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F14K22-E/SO MICROCHIP-PIC18F14K22-E/SO Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
More results

Descripción similar - PIC18F14K22LIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16F720 MICROCHIP-PIC16F720_13 Datasheet
4Mb / 254P
   20-Pin Flash Microcontrollers
11/29/12 2010-2013
PIC18F-LF1XK50 MICROCHIP-PIC18F-LF1XK50 Datasheet
3Mb / 420P
   20-Pin USB Flash Microcontrollers
2010
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16F1507-E MICROCHIP-PIC16F1507-E Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
05/02/11
PIC16F1764 MICROCHIP-PIC16F1764 Datasheet
7Mb / 563P
   14/20-Pin, 8-Bit Flash Microcontrollers
10/25/17
PIC16LF1824T39A MICROCHIP-PIC16LF1824T39A_12 Datasheet
6Mb / 418P
   20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F720 MICROCHIP-PIC16F720 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com