Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F14K22LIN Datasheet(PDF) 43 Page - Microchip Technology

No. de pieza PIC18F14K22LIN
Descripción Electrónicos  20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22LIN Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC18F14K22LIN Datasheet HTML 39Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 40Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 41Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 42Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 43Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 44Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 45Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 46Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41580A-page 47
PIC18F14K22LIN
8.4
DC Characteristics: Primary Idle Supply Current, PIC18F14K22LIN
PIC18F14K22LIN
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Typ.
Max.
Units
Conditions
D019
420
455
A
-40°C to +125°C
VDD = 5.0V
FOSC = 1 MHz
(PRI_IDLE mode,
EC Med Osc)
D020
4.0
4.2
mA
-40°C to +125°C
VDD = 5.0V
FOSC = 16 MHz
(PRI_IDLEmode,
EC High Osc)
D021
5.3
6.3
mA
-40°C to +125°C
VDD = 5.0V
FOSC = 64 MHz
(PRI_IDLEmode,
EC High Osc)
*
These parameters are characterized but not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact
on the current consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be
extended by the formula IR = VDD/2REXT (mA) with REXT in k

4:
FVR and BOR are disabled.
5:
When a single temperature range is provided for a parameter, the specification applies to both industrial and extended
temperature devices.
8.5
DC Characteristics: Secondary Run Supply Current, PIC18F14K22LIN
PIC18F14K22LIN
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Typ.
Max.
Units
Conditions
D022
15.5
19.5
A-40°C
VDD = 5.0V
FOSC = 32 kHz(3)
(SEC_RUN mode,
Timer1 as clock)
16.5
20.5
A+25°C
20.5
29.5
A+85°C
30.5
35.5
A
+125°C
*
These parameters are characterized but not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact
on the current consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be
extended by the formula IR = VDD/2REXT (mA) with REXT in k

4:
FVR and BOR are disabled.


Número de pieza similar - PIC18F14K22LIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC18F14K22 MICROCHIP-PIC18F14K22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F14K22 MICROCHIP-PIC18F14K22 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F14K22-E/ML MICROCHIP-PIC18F14K22-E/ML Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F14K22-E/P MICROCHIP-PIC18F14K22-E/P Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F14K22-E/SO MICROCHIP-PIC18F14K22-E/SO Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
More results

Descripción similar - PIC18F14K22LIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16F720 MICROCHIP-PIC16F720_13 Datasheet
4Mb / 254P
   20-Pin Flash Microcontrollers
11/29/12 2010-2013
PIC18F-LF1XK50 MICROCHIP-PIC18F-LF1XK50 Datasheet
3Mb / 420P
   20-Pin USB Flash Microcontrollers
2010
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16F1507-E MICROCHIP-PIC16F1507-E Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
05/02/11
PIC16F1764 MICROCHIP-PIC16F1764 Datasheet
7Mb / 563P
   14/20-Pin, 8-Bit Flash Microcontrollers
10/25/17
PIC16LF1824T39A MICROCHIP-PIC16LF1824T39A_12 Datasheet
6Mb / 418P
   20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F720 MICROCHIP-PIC16F720 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com