Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AVC16T245 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74AVC16T245
Descripción Electrónicos  16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC16T245 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AVC16T245 Datasheet HTML 4Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 5Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 6Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 7Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 8Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 9Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 10Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 11Page - NXP Semiconductors 74AVC16T245 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
74AVC16T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 June 2011
8 of 28
NXP Semiconductors
74AVC16T245
16-bit dual supply translating transceiver; 3-state
9.
Static characteristics
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
For I/O ports, the parameter IOZ includes the input leakage current.
Table 6.
Typical static characteristics at Tamb = 25 C[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = 1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.69
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.07
-
V
II
input leakage current
nDIR, nOE input; VI = 0 V or 3.6 V;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
0.025 0.25 A
IOZ
OFF-state output current
A or B port; VO =0 V or VCCO;
VCC(A) =VCC(B) =3.6 V
[3] -
0.5
2.5
A
suspend mode A port; VO =0V orVCCO;
VCC(A) = 3.6 V; VCC(B) =0V
[3] -
0.5
2.5
A
suspend mode B port; VO =0V orVCCO;
VCC(A) =0 V; VCC(B) =3.6 V
[3] -
0.5
2.5
A
IOFF
power-off leakage current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) = 0.8 V to 3.6 V
-
0.1
1
A
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V; VCC(A) = 0.8 V to 3.6 V
-
0.1
1
A
CI
input capacitance
nDIR, nOE input; VI = 0 V or 3.3 V;
VCC(A) =VCC(B) =3.3 V
-2.0
-pF
CI/O
input/output capacitance
A and B port; VO = 3.3 V or 0 V;
VCC(A) =VCC(B) =3.3 V
-4.5
-pF
Table 7.
Static characteristics [1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max
VIH
HIGH-level
input voltage
data input
VCCI = 0.8 V
0.70VCCI
-
0.70VCCI
-V
VCCI = 1.1 V to 1.95 V
0.65VCCI
-
0.65VCCI
-V
VCCI = 2.3 V to 2.7 V
1.6
-
1.6
-
V
VCCI = 3.0 V to 3.6 V
2
-
2
-
V
nDIR, nOE input
VCC(A) = 0.8 V
0.70VCC(A)
-0.70VCC(A)
-V
VCC(A) = 1.1 V to 1.95 V
0.65VCC(A)
-0.65VCC(A)
-V
VCC(A) = 2.3 V to 2.7 V
1.6
-
1.6
-
V
VCC(A) = 3.0 V to 3.6 V
2
-
2
-
V


Número de pieza similar - 74AVC16T245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AVC16T245 NEXPERIA-74AVC16T245 Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245DGG NEXPERIA-74AVC16T245DGG Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
Texas Instruments
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
467Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Descripción similar - 74AVC16T245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245 NEXPERIA-74AVC16T245 Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
NXP Semiconductors
74AVC16T245 PHILIPS-74AVC16T245_15 Datasheet
345Kb / 28P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 6-9 September 2013
74AVCH16T245 PHILIPS-74AVCH16T245_15 Datasheet
379Kb / 29P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-1 March 2012
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com