Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUJ303AX Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza BUJ303AX
Descripción Electrónicos  NPN power transistor Very high voltage capability Isolated package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ303AX Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUJ303AX_11 Datasheet HTML 5Page - NXP Semiconductors BUJ303AX_11 Datasheet HTML 6Page - NXP Semiconductors BUJ303AX_11 Datasheet HTML 7Page - NXP Semiconductors BUJ303AX_11 Datasheet HTML 8Page - NXP Semiconductors BUJ303AX_11 Datasheet HTML 9Page - NXP Semiconductors BUJ303AX_11 Datasheet HTML 10Page - NXP Semiconductors BUJ303AX_11 Datasheet HTML 11Page - NXP Semiconductors BUJ303AX_11 Datasheet HTML 12Page - NXP Semiconductors BUJ303AX_11 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BUJ303AX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 05 — 3 May 2011
9 of 14
NXP Semiconductors
BUJ303AX
NPN power transistor
Fig 14. Test circuit for inductive load switching
Fig 15. Switching times waveforms for inductive load
001aab991
VCC
LC
DUT
LB
IBon
VBB
001aab992
IC
IB
90 %
toff
IBon
ts
tf
t
t
−IBoff
ICon
10 %


Número de pieza similar - BUJ303AX_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUJ303AX PHILIPS-BUJ303AX_15 Datasheet
571Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
More results

Descripción similar - BUJ303AX_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STN0214 STMICROELECTRONICS-STN0214 Datasheet
133Kb / 7P
   Very high voltage NPN power transistor
logo
ON Semiconductor
MJF47 ONSEMI-MJF47 Datasheet
135Kb / 6P
   High Voltage Power Transistor Isolated Package Applications
April, 2006 ??Rev. 5
logo
Taiwan Semiconductor Co...
TSC5401 TSC-TSC5401 Datasheet
203Kb / 4P
   Very High Voltage NPN Transistor
logo
Comset Semiconductor
BUX48 COMSET-BUX48 Datasheet
187Kb / 2P
   VERY HIGH VOLTAGE POWER TRANSISTOR
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
   High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
IXYS Corporation
IXEL40N400 IXYS-IXEL40N400 Datasheet
173Kb / 5P
   Very High Voltage IGBT ( Electrically Isolated Tab)
logo
STMicroelectronics
SCT20N120 STMICROELECTRONICS-SCT20N120 Datasheet
499Kb / 13P
   Very high operating temperature capability
HD1760JL STMICROELECTRONICS-HD1760JL_07 Datasheet
250Kb / 10P
   Very high voltage NPN power transistor for high definition and slim CRT display
HD1750JL STMICROELECTRONICS-HD1750JL_07 Datasheet
226Kb / 10P
   Very high voltage NPN power transistor for high definition and slim CRT display
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com