Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7081220MISO Datasheet(PDF) 2 Page - Seme LAB

No. de pieza 2N7081220MISO
Descripción Electrónicos  N-CHANNEL POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N7081220MISO Datasheet(HTML) 2 Page - Seme LAB

  2N7081220MISO Datasheet HTML 1Page - Seme LAB 2N7081220MISO Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N7081–220M–ISO
Semelab plc
Telephone (01455) 556565
Fax (01455) 552612.
E-mail: sales@semelab.co.uk
Web site: http://www.semelab.co.uk
Prelim. 6/98
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = 250µA
VDS = VGS
ID = 250µA
VDS = 0
VGS = ±20V
VDS = 80V
VGS = 0
TJ = 125°C
VDS = 10V
VGS = 10V
VGS = 10V
ID = 7.7A
TJ = 125°C
VDS = 15V
IDS = 7.7A
VGS = 0
VDS = 25V
f = 1MHz
VDD = 50V
ID = 11A
VGEN =10V
RL = 4.1Ω
RG = 7.5Ω
IF =11
VGS = 0
IF = IS
dIF/dt = 100A/µs
ELECTRICAL CHARACTERISTICS (T
J = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Gate Threshold Voltage
Gate – Body Leakage
Zero Gate Voltage Drain Current
On–State Drain Current
Static Drain – Source On–State
Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current 2
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
100
24
±100
25
250
11
0.12
0.15
0.22
0.27
45
600
190
35
7
45
30
10
12
48
2.5
100
300
0.7
2.8
80
1
V
V
nA
µA
A
S
pF
ns
A
V
ns
µC
K/W
BVDSS
VGS(th)
IDSS
ID(on)
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
RθJC
RθJA
RθCS
STATIC ELECTRICAL RATINGS
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
PACKAGE CHARACTERISTICS
Thermal Resistance Junction – Case
Thermal Resistance Junction – Ambient
Thermal Resistance Case – Sink


Número de pieza similar - 2N7081220MISO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2N7081 ISC-2N7081 Datasheet
65Kb / 2P
   TO??20 ISOLATED HERMETIC PACKAGE
More results

Descripción similar - 2N7081220MISO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com