Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5755-1 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD5755-1
Descripción Electrónicos  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5755-1 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5755-1 Datasheet HTML 3Page - Analog Devices AD5755-1 Datasheet HTML 4Page - Analog Devices AD5755-1 Datasheet HTML 5Page - Analog Devices AD5755-1 Datasheet HTML 6Page - Analog Devices AD5755-1 Datasheet HTML 7Page - Analog Devices AD5755-1 Datasheet HTML 8Page - Analog Devices AD5755-1 Datasheet HTML 9Page - Analog Devices AD5755-1 Datasheet HTML 10Page - Analog Devices AD5755-1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD5755-1
Rev. A | Page 7 of 48
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
AIDD
8.6
10.5
mA
Voltage output mode on all channels, output
unloaded, over supplies
7
7.5
mA
Current output mode on all channels
AISS
−11
−8.8
mA
Voltage output mode on all channels, output
unloaded, over supplies
−1.7
mA
Current output mode on all channels
DICC
9.2
11
mA
VIH = DVDD, VIL = DGND, internal oscillator running,
over supplies
AICC
1
mA
Output unloaded, over supplies
IBOOST
2.7
mA
Per channel, voltage output mode, output
unloaded, over supplies
IBOOST6
1
mA
Per channel, current output mode, 0 mA output
Power Dissipation
173
mW
AVDD = +15 V, AVSS = −15 V, dc-to-dc converter
enable, current output mode, outputs disabled
1Temperature range: −40°C to +105°C; typical at +25°C.
2 Guaranteed by design and characterization; not production tested.
3 For voltage output ranges in unipolar supply mode, the INL and TUE are measured beginning from Code 4096.
4 For current outputs with internal RSET, the offset, full-scale, and TUE measurements exclude dc crosstalk. The measurements are made with all four channels enabled
loaded with the same code.
5 See the Current Output Mode with Internal RSET section for more explanation of the dc crosstalk.
6 Efficiency plots in Figure 55, Figure 56, Figure 57, and Figure 58 include the IBOOST quiescent current
AC PERFORMANCE CHARACTERISTICS
AVDD = VBOOST_x = 15 V; AVSS = −15 V; DVDD = 2.7 V to 5.5 V; AVCC = 4.5 V to 5.5 V; dc-to-dc converter disabled; AGND = DGND =
GNDSWx = 0 V; REFIN = 5 V; voltage outputs: RL = 2 kΩ, CL = 220 pF; current outputs: RL = 300 Ω; all specifications TMIN to TMAX, unless
otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Voltage Output
Output Voltage Settling Time
11
μs
5 V step to ±0.03% FSR, 0 V to 5 V range
18
μs
10 V step to ±0.03% FSR, 0 V to 10 V range
13
μs
100 mV step to 1 LSB (16-bit LSB), 0 V to 10 V range
Slew Rate
1.9
V/μs
0 V to 10 V range
Power-On Glitch Energy
150
nV-sec
Digital-to-Analog Glitch Energy
6
nV-sec
Glitch Impulse Peak Amplitude
25
mV
Digital Feedthrough
1
nV-sec
DAC to DAC Crosstalk
2
nV-sec
0 V to 10 V range
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.15
LSB p-p
16-bit LSB, 0 V to 10 V range
Output Noise Spectral Density
150
nV/√Hz
Measured at 10 kHz, midscale output, 0 V to 10 V range
AC PSRR
83
dB
200 mV 50 Hz/60 Hz sine wave superimposed on power
supply voltage
Current Output
Output Current Settling Time
15
μs
To 0.1% FSR (0 mA to 24 mA)
See test conditions/
comments
ms
See
Figure 49, Figure 50, and Figure 51
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.15
LSB p-p
16-bit LSB, 0 mA to 24 mA range
Output Noise Spectral Density
0.5
nA/√Hz
Measured at 10 kHz, midscale output, 0 mA to 24 mA
range
1 Guaranteed by design and characterization; not production tested.


Número de pieza similar - AD5755-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755-1 AD-AD5755-1 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
AD5755-1 AD-AD5755-1 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results

Descripción similar - AD5755-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com