Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5212BCPZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADG5212BCPZ-RL7
Descripción Electrónicos  High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5212BCPZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG5212BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADG5212BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5212BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5212BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5212BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5212BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADG5212BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADG5212BCPZ-RL7 Datasheet HTML 12Page - Analog Devices ADG5212BCPZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG5212/ADG5213
Rev. 0 | Page 9 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IN1 1
D1 2
S1 3
VSS 4
IN2
16
D2
15
S2
14
VDD
13
GND 5
NC
12
S4 6
S3
11
D4 7
D3
10
IN4 8
IN3
9
NC = NO CONNECT
ADG5212/
ADG5213
TOP VIEW
(Not to Scale)
Figure 2. TSSOP Pin Configuration
NOTES
1. EXPOSED PAD TIED TO SUBSTRATE, VSS.
2. NC = NO CONNECT.
1
S1
2
VSS
3
GND
4
S4
11 VDD
12 S2
10 NC
9S3
TOP VIEW
(Not to Scale)
ADG5212/
ADG5213
Figure 3. LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
15
IN1
Logic Control Input.
2
16
D1
Drain Terminal. This pin can be an input or an output.
3
1
S1
Source Terminal. This pin can be an input or an output.
4
2
VSS
Most Negative Power Supply Potential.
5
3
GND
Ground (0 V) Reference.
6
4
S4
Source Terminal. This pin can be an input or an output.
7
5
D4
Drain Terminal. This pin can be an input or an output.
8
6
IN4
Logic Control Input.
9
7
IN3
Logic Control Input.
10
8
D3
Drain Terminal. This pin can be an input or an output.
11
9
S3
Source Terminal. This pin can be an input or an output.
12
10
NC
No Connect. These pins are open.
13
11
VDD
Most Positive Power Supply Potential.
14
12
S2
Source Terminal. This pin can be an input or an output.
15
13
D2
Drain Terminal. This pin can be an input or an output.
16
14
IN2
Logic Control Input.
N/A1
EP
Exposed pad
Exposed Pad. The exposed pad is connected internally. For increased reliability of the
solder joints and maximum thermal capability, it is recommended that the pad be
soldered to the substrate, VSS.
1 N/A means not applicable.
Table 8. ADG5212 Truth Table
ADG5212 INx
Switch Condition
1
On
0
Off
Table 9. ADG5213 Truth Table
ADG5213 INx
S1, S4
S2, S3
0
Off
On
1
On
Off


Número de pieza similar - ADG5212BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5204 AD-ADG5204 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BCPZ-RL7 AD-ADG5204BCPZ-RL7 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BRUZ AD-ADG5204BRUZ Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BRUZ-RL7 AD-ADG5204BRUZ-RL7 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5206 AD-ADG5206 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
More results

Descripción similar - ADG5212BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Analog Devices
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com