Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADIS16407 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADIS16407
Descripción Electrónicos  Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADIS16407 Datasheet(HTML) 5 Page - Analog Devices

  ADIS16407 Datasheet HTML 1Page - Analog Devices ADIS16407 Datasheet HTML 2Page - Analog Devices ADIS16407 Datasheet HTML 3Page - Analog Devices ADIS16407 Datasheet HTML 4Page - Analog Devices ADIS16407 Datasheet HTML 5Page - Analog Devices ADIS16407 Datasheet HTML 6Page - Analog Devices ADIS16407 Datasheet HTML 7Page - Analog Devices ADIS16407 Datasheet HTML 8Page - Analog Devices ADIS16407 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADIS16407
Rev. A | Page 5 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CONVERSION RATE
SPS
xGYRO_OUT, xACCL_OUT, xMAGN_OUT
SMPL_PRD = 0x0001
819.2
SPS
BAR_OUT, BARO_OUTL9
SMPL_PRD = 0x0001
51.2
SPS
Clock Accuracy
±3
%
Sync Input Clock10
0.8
1.1
kHz
POWER SUPPLY
Operating voltage range, VDD
4.75
5.0
5.25
V
Power Supply Current
70
mA
Sleep mode
1.4
mA
1 The extended pressure range is guaranteed by design.
2 See Table 22 for the BAR_OUTL register details, which offer additional digital resolution improvements.
3 The relative error assumes that the initial error, at +25°C, is corrected in the end application.
4 Linearity errors assume a full scale (FS) of 1000 mbar.
5 The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
6 Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
7 The data retention lifetime equivalent is at a junction temperature (TJ) of 85°C as per JEDEC Standard 22, Method A117. Data retention lifetime decreases with junction
temperature.
8 These times do not include thermal settling and internal filter response times (330 Hz bandwidth), which may affect overall accuracy.
9 The BARO_OUT and BARO_OUTL registers sample at a rate that is 1/16th that of the other output registers.
10 The sync input clock functions below the specified minimum value, but at reduced performance levels.


Número de pieza similar - ADIS16407

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16407BMLZ AD-ADIS16407BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Descripción similar - ADIS16407

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
   Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
   Seven Degrees of Freedom Inertial Sensor
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com