Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1168 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADM1168
Descripción Electrónicos  Super Sequencer and Monitor with Nonvolatile Fault Recording
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1168 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1168 Datasheet HTML 7Page - Analog Devices ADM1168 Datasheet HTML 8Page - Analog Devices ADM1168 Datasheet HTML 9Page - Analog Devices ADM1168 Datasheet HTML 10Page - Analog Devices ADM1168 Datasheet HTML 11Page - Analog Devices ADM1168 Datasheet HTML 12Page - Analog Devices ADM1168 Datasheet HTML 13Page - Analog Devices ADM1168 Datasheet HTML 14Page - Analog Devices ADM1168 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADM1168
Rev. 0 | Page 11 of 28
INPUTS
SUPPLY SUPERVISION
The ADM1168 has eight programmable inputs. Four of these
are dedicated supply fault detectors (SFDs). These dedicated
inputs are called VH and VPx (VP1 to VP3) by default. The
other four inputs are labeled VXx (VX1 to VX4) and have dual
functionality. They can be used either as SFDs, with functionality
similar to the VH and VPx, or as CMOS-/TTL-compatible logic
inputs to the device. Therefore, the ADM1168 can have up to
eight analog inputs, a minimum of four analog inputs and four
digital inputs, or a combination thereof. If an input is used as
an analog input, it cannot be used as a digital input. Therefore, a
configuration requiring eight analog inputs has no available
digital inputs. Table 6 shows the details of each input.
PROGRAMMING THE SUPPLY FAULT DETECTORS
The ADM1168 can have up to eight SFDs on its eight input
channels. These highly programmable reset generators enable
the supervision of up to eight supply voltages. The supplies can
be as low as 0.573 V and as high as 14.4 V. The inputs can be
configured to detect an undervoltage fault (the input voltage
drops below a preprogrammed value), an overvoltage fault (the
input voltage rises above a preprogrammed value), or an out-of-
window fault (the input voltage is outside a preprogrammed
range). The thresholds can be programmed to an 8-bit resolution
in registers provided in the ADM1168. This translates to a
voltage resolution that is dependent on the range selected.
The resolution is given by
Step Size = Threshold Range/255
Therefore, if the high range is selected on VH, the step size can
be calculated as follows:
(14.4 V − 6.0 V)/255 = 32.9 mV
Table 5 lists the upper and lower limits of each available range,
the bottom of each range (VB), and the range itself (VR).
Table 5. Voltage Range Limits
Voltage Range (V)
VB (V)
VR (V)
0.573 to 1.375
0.573
0.802
1.25 to 3.00
1.25
1.75
2.5 to 6.0
2.5
3.5
6.0 to 14.4
6.0
8.4
The threshold value required is given by
VT = (VR × N)/255 + VB
where:
VT is the desired threshold voltage (undervoltage or overvoltage).
VR is the voltage range.
N is the decimal value of the 8-bit code.
VB is the bottom of the range.
Reversing the equation, the code for a desired threshold is given by
N = 255 × (VT − VB)/VR
For example, if the user wants to set a 5 V overvoltage threshold
on VP1, the code to be programmed in the PS1OVTH register
(as described in the AN-721 Application Note) is given by
N = 255 × (5 − 2.5)/3.5
Therefore, N = 182 (1011 0110 or 0xB6).


Número de pieza similar - ADM1168

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ACPZ-REEL AD-ADM1166ACPZ-REEL Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ASUZ AD-ADM1166ASUZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results

Descripción similar - ADM1168

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1260 AD-ADM1260 Datasheet
803Kb / 71P
   Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com