Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BFY50 Datasheet(PDF) 1 Page - Seme LAB

No. de pieza BFY50
Descripción Electrónicos  MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFY50 Datasheet(HTML) 1 Page - Seme LAB

  BFY50 Datasheet HTML 1Page - Seme LAB BFY50 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Prelim.02/00
BFY50
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
MEDIUM POWER AMPLIFIERS
NPN SILICON PLANAR
TRANSISTOR
Description
The BFY50 is a Silicon Planar Epitaxial NPN
Transistor in Jedec TO39 metal case. they
are intended for general purpose linear and
switching applications
VCBO
Collector Base Voltage
VCEO
Collector Emitter Voltage
VEBO
Emitter Base Voltage
IC
Collector Current
ICM
Collector Peak Current
PTOT
Total Power Dissipation @ Tamb £ 25°C
@ Tcase £ 25°C
Tstg,Tj
Storage and Operatuing Junction Temperature
Rj-case
Thermal Resistance Junction to Case
Rj-amb
Thermal Resistance Junction to Ambient
80V
35V
6V
1A
1.5A
0.8W
5W
–65 to 200°C
35°C / W
218°C / W
MECHANICAL DATA
Dimensions in mm (inches)
TO39 PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Pin 1 = Emitter
Underside View
Pin 2 = Base
Pin 3 = Collector
0.89
(0.035)
max.
0.66 (0.026)
1.14 (0.045)
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
5.08 (0.200)
typ.
45˚
12.70
(0.500)
min.
4.19 (0.165)
4.95 (0.195)
8.89 (0.35)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
7.75 (0.305)
8.51 (0.335)
dia.
1
2
3


Número de pieza similar - BFY50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BFY50 PHILIPS-BFY50 Datasheet
55Kb / 8P
   NPN medium power transistors
1997 Apr 22
logo
STMicroelectronics
BFY50 STMICROELECTRONICS-BFY50 Datasheet
46Kb / 5P
   MEDIUM POWER AMPLIFIER
logo
Central Semiconductor C...
BFY50 CENTRAL-BFY50 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
43Kb / 2P
   MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
BFY50 CDIL-BFY50 Datasheet
138Kb / 4P
   SILICON PLANAR TRANSISTORS
More results

Descripción similar - BFY50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BFY50 SEME-LAB-BFY50_02 Datasheet
43Kb / 2P
   MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
   NPN Silicon Planar Medium Power Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com