Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP194 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADP194
Descripción Electrónicos  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP194 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP194 Datasheet HTML 2Page - Analog Devices ADP194 Datasheet HTML 3Page - Analog Devices ADP194 Datasheet HTML 4Page - Analog Devices ADP194 Datasheet HTML 5Page - Analog Devices ADP194 Datasheet HTML 6Page - Analog Devices ADP194 Datasheet HTML 7Page - Analog Devices ADP194 Datasheet HTML 8Page - Analog Devices ADP194 Datasheet HTML 9Page - Analog Devices ADP194 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP194
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.8 V, VEN = VIN > VIH, ILOAD = 100 mA, TA = 25°C, unless otherwise noted.
0
0.02
0.04
0.06
0.08
0.10
0.12
–40
–5
65
25
85
TEMPERATURE (°C)
ILOAD = 20mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
Figure 4. RDSON vs. Temperature
0
0.05
0.10
0.15
0.20
0.25
0.30
1.0
1.4
1.8
2.2
2.6
3.0
3.4
VIN (V)
ILOAD = 10mA
ILOAD = 20mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
Figure 5. RDSON vs. Input Voltage, VIN
0
20
40
60
80
100
120
140
10
100
1000
ILOAD (mA)
VIN = 1.1V
VIN = 1.3V
VIN = 1.5V
VIN = 1.8V
VIN = 2.1V
VIN = 2.4V
VIN = 2.7V
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
Figure 6. Voltage Drop vs. Load Current
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2040
6080
10
TIME (µs)
0
VEN
VIN = 1.5V
VIN = 1.8V
VIN = 2.5V
VIN = 3.6V
Figure 7. Start-Up and Turn-On Delay vs. Input Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40
–5
65
25
85
TEMPERATURE (°C)
ILOAD = 20mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
Figure 8. Ground Current vs. Temperature
0
1
2
3
4
5
6
7
1.0
1.4
1.8
2.2
2.6
3.0
3.4
VIN (V)
ILOAD = 10mA
ILOAD = 20mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
Figure 9. Ground Current vs. Input Voltage, VIN


Número de pieza similar - ADP194

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP190 AD-ADP190 Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
ADP190ACBZ-R7 AD-ADP190ACBZ-R7 Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
ADP190CB-EVALZ AD-ADP190CB-EVALZ Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
ADP191ACBZ-R7 AD-ADP191ACBZ-R7 Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
ADP191CB-EVALZ AD-ADP191CB-EVALZ Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
More results

Descripción similar - ADP194

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
   Logic controlled high-side power switch
Rev. 1-7 July 2015
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
   Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
   Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
   Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 2-4 November 2011
NX3P2902B PHILIPS-NX3P2902B_15 Datasheet
417Kb / 15P
   Logic controlled high-side power switch
Rev. 1-29 April 2013
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
   Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
   Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com