Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS9001-2 Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

No. de pieza TS9001-2
Descripción Electrónicos  1.6V Nanopower Comparator with Internal Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9001-2 Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TS9001-2 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS9001
Page 4
TS9001DS r1p0
RTFDS
PIN FUNCTIONS
TS9001-1
TS9001-2
NAME
FUNCTION
SC70-5
1
OUT
Comparator Output
2
VEE
Negative Supply Voltage
3
IN+
Comparator Noninverting Input
4
REF/IN-
1.252V Reference Output/Comparator Inverting Input
REF
1.252V Reference Output
5
VCC
Positive Supply Voltage
IN-
Comparator Inverting Input
BLOCK DIAGRAMS
DESCRIPTION OF OPERATION
Guaranteed to operate from +1.6V supplies, the
TS9001-1 and the TS9001-2 analog comparators
only draw 600nA supply current, feature a robust
input stage that can tolerate input voltages 200mV
beyond the power supply rails, and include an on-
board +1.252V ±1% voltage reference. To insure
clean output switching behavior, both analog
comparators feature 4mV internal hysteresis. The
TS9001-1’s push-pull output drivers were designed
to minimize supply-current surges while driving
±5mA loads with rail-to-rail output swings. The open-
drain output stage TS9001-2 can be connected to
supply voltages above VCC to an absolute maximum
of 6V above VEE. Where wired-OR logic connections
are needed, their open-drain output stages make it
easy to use this analog comparator.
Input Stage Circuitry
The robust design of the analog comparators’ input
stage can accommodate any differential input
voltage from VEE - 0.2V to VCC + 0.2V. Input bias
currents are typically ±0.15nA so long as the applied
input voltage remains between the supply rails. ESD
protection diodes - connected internally to the supply
rails - protect comparator inputs against overvoltage
conditions. However, if the applied input voltage
exceeds either or both supply rails, an increase in
input current can occur when these ESD protection
diodes start to conduct.


Número de pieza similar - TS9001-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS9001-2 SILABS-TS9001-2 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5 SILABS-TS9001-2IJ5 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5 SILABS-TS9001-2IJ5 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5T SILABS-TS9001-2IJ5T Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
More results

Descripción similar - TS9001-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com