Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUL53BSMD Datasheet(PDF) 1 Page - Seme LAB

No. de pieza BUL53BSMD
Descripción Electrónicos  ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE, HIGH SPEED NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUL53BSMD Datasheet(HTML) 1 Page - Seme LAB

  BUL53BSMD Datasheet HTML 1Page - Seme LAB BUL53BSMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUL53BSMD
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 7/00
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Collector Current
IC(PK)
Peak Collector Current
IB
Base Current
PD
Power Dissipation
R?
Thermal Impedance (when mounted on thermally conducting PCB)
Tj
Maximum Junction Temperature
Tstg
Storage Temperature Range
500V
250V
10V
12A
20A
3A
60W
3.0°C/W
200°C
–55 to +200°C
MECHANICAL DATA
Dimensions in mm
3. 60 ( 0. 142)
Ma x .
3. 70 ( 0. 146)
3. 41 ( 0. 134)
3. 70 ( 0. 146)
3. 41 ( 0. 134)
0. 89
( 0 . 035)
mi n .
9. 67 ( 0. 381)
9. 38 ( 0. 369)
11. 58 ( 0 . 4 56)
11. 28 ( 0 . 4 44)
0. 50 ( 0. 020 )
0. 26 ( 0. 010 )
13
2
ADVANCED DISTRIBUTED
BASE DESIGN
HIGH VOLTAGE, HIGH SPEED NPN
SILICON POWER TRANSISTOR
SMD1
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• Multi-Base design for efficient energy
distribution across the chip.
• SIgnificantly improved switching and energy
ratings across full temperature range.
• Ion implant and high accuracy masking for
tight control of characteristics from batch to
batch.
• Triple guard rings for improved control of
high voltages.
• CERAMIC SURFACE MOUNT PACKAGE
• FULL MIL/AEROSPACE TEMPERATURE
RANGE
• SCREENING OPTIONS FOR MILITARY AND
SPACE APPLICATIONS
• SEMEFAB DESIGNED AND DIFFUSED DIE
• HIGH VOLTAGE (VCBO = 800V)
• FAST SWITCHING (tf = 100ns)
• HIGH ENERGY RATING
Pad 1 – Base
Pad 2 – Collector
Pad 3 – Emitter


Número de pieza similar - BUL53BSMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BUL53B SEME-LAB-BUL53B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
More results

Descripción similar - BUL53BSMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BUL54A SEME-LAB-BUL54A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL54B SEME-LAB-BUL54B Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL55A SEME-LAB-BUL55A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL55B SEME-LAB-BUL55B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL58A SEME-LAB-BUL58A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL62B SEME-LAB-BUL62B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL74B SEME-LAB-BUL74B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL76A SEME-LAB-BUL76A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL49A SEME-LAB-BUL49A Datasheet
16Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL52BFI SEME-LAB-BUL52BFI Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL53A SEME-LAB-BUL53A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com