Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5201 Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza TDA5201
Descripción Electrónicos  ASK Single Conversion Receiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5201 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TDA5201 Datasheet HTML 3Page - Infineon Technologies AG TDA5201 Datasheet HTML 4Page - Infineon Technologies AG TDA5201 Datasheet HTML 5Page - Infineon Technologies AG TDA5201 Datasheet HTML 6Page - Infineon Technologies AG TDA5201 Datasheet HTML 7Page - Infineon Technologies AG TDA5201 Datasheet HTML 8Page - Infineon Technologies AG TDA5201 Datasheet HTML 9Page - Infineon Technologies AG TDA5201 Datasheet HTML 10Page - Infineon Technologies AG TDA5201 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TDA 5201
ASK Single Conversion Receiver
Product Info
Data Sheet
7
Revision 1.6, 2010-12-21
1
Product Info
General Description
The IC is a very low power consumption single chip ASK Single Conversion Receiver for receive frequencies
between 310 MHz and 350 MHz. The Receiver offers a high level of integration and needs only a few external
components. The device contains a low noise amplifier (LNA), a double balanced mixer, a fully integrated VCO, a
PLL synthesizer, a crystal oscillator, a limiter with RSSI generator, a data filter, a data comparator (slicer) and a
peak detector. Additionally there is a power down feature to save battery life.
Features
Low supply current (
I
s = 4.6 mA typ.)
Supply voltage range 5 V ±10 %
Power down mode with very low supply current (50 nA typ)
Fully integrated VCO and PLL Synthesizer
RF input sensitivity < – 110 dBm
Selectable frequency ranges around 315 MHz and 345 MHz
Selectable reference frequency
Limiter with RSSI generation, operating at 10.7 MHz
•2nd order low pass data filter with external capacitors
Data slicer with self-adjusting threshold
Application
Keyless Entry Systems
Remote Control Systems
Fire Alarm Systems
Low Bitrate Communication Systems
Package
Figure 1
PG-TSSOP-28
Ordering Information
Type
Ordering Code
Package1)
1) Available on tape and reel
TDA5201
SP000012902
PG-TSSOP-28


Número de pieza similar - TDA5201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5201 INFINEON-TDA5201 Datasheet
689Kb / 43P
   ASK Single Conversion Receiver
Version 1.5 July 2004
TDA5201 INFINEON-TDA5201 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
TDA5201 INFINEON-TDA5201_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
More results

Descripción similar - TDA5201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
TDA5201 INFINEON-TDA5201 Datasheet
689Kb / 43P
   ASK Single Conversion Receiver
Version 1.5 July 2004
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5204E1 INFINEON-TDA5204E1 Datasheet
1Mb / 40P
   ASK Single Conversion Receiver 390MHz
Version 1.0 December 2000
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com