Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5255E1 Datasheet(PDF) 67 Page - Infineon Technologies AG

No. de pieza TDA5255E1
Descripción Electrónicos  ASK/FSK 434MHz Wireless Transceiver
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5255E1 Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button TDA5255E1_07 Datasheet HTML 63Page - Infineon Technologies AG TDA5255E1_07 Datasheet HTML 64Page - Infineon Technologies AG TDA5255E1_07 Datasheet HTML 65Page - Infineon Technologies AG TDA5255E1_07 Datasheet HTML 66Page - Infineon Technologies AG TDA5255E1_07 Datasheet HTML 67Page - Infineon Technologies AG TDA5255E1_07 Datasheet HTML 68Page - Infineon Technologies AG TDA5255E1_07 Datasheet HTML 69Page - Infineon Technologies AG TDA5255E1_07 Datasheet HTML 70Page - Infineon Technologies AG TDA5255E1_07 Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
TDA5255 E1
Version 1.2
Application
Data Sheet
67
2007-02-26
Timing for data detection looks like the following. Two settings are possible: „Continuous“ and
„Single Shot“, which can be set by D5 and D6 in register 00H.
Frequ_Detect_Timing_continuous.wmf
Figure 3-31
Frequency Detection timing in continuous mode
Note 1: Chip internal signal „Sequencer enables data detection“ has a LOW to HIGH transition
about 2.6ms after RX is activated (see Figure 2-15).
Note 2: The positive edge of the „Window Count Complete“ signal latches the result of comparison
of the analog to digital converted RSSI voltage with TH3 (register 08H). A logic combination of this
output and the result of the comparison with single/double THx defines the internal signal
„data_valid“.
Figure 3-31 shows that the logic is ready for the next conversion after 3 periods of the data signal.
Timing in Single Shot mode can be seen in the subsequent figure:
Frequ_Detect_Timing_singleShot_wmf
Figure 3-32
Frequency Detection timing in Single Shot mode
Data
Sequenzer enables
data detection
Counter Reset
Gate time
Compare with single
TH and latch result
Compare with double
TH and latch result
(Frequency) Window
Count Complete
t
t
t
t
t
t
t
start of conversion
possible start of next conversion
reset
reset
count
count
comp.
comp.
comp.
ready*
Data
Sequenzer enables
data detection
Counter Reset
Gate time
Compare with single
TH and latch result
Compare with double
TH and latch result
(Frequency) Window
Count Complete
t
t
t
t
t
t
t
start of conversion
no possible start of next conversion
because of Single Shot Mode
reset
count
comp.
comp.
ready*


Número de pieza similar - TDA5255E1_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 93P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.1, 2002-11-28
More results

Descripción similar - TDA5255E1_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 93P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.1, 2002-11-28
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5252G2 INFINEON-TDA5252G2 Datasheet
2Mb / 86P
   ASK/FSK 915MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Sanyo Semicon Device
LV2257PTT SANYO-LV2257PTT Datasheet
61Kb / 5P
   Bi-CMOS IC 434MHz Band FSK/ASK Wireless Transmitter IC
logo
Infineon Technologies A...
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
   ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com