Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7200 Datasheet(PDF) 40 Page - Infineon Technologies AG

No. de pieza TDA7200
Descripción Electrónicos  ASK/FSK Single Conversion Receiver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7200 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TDA7200 Datasheet HTML 36Page - Infineon Technologies AG TDA7200 Datasheet HTML 37Page - Infineon Technologies AG TDA7200 Datasheet HTML 38Page - Infineon Technologies AG TDA7200 Datasheet HTML 39Page - Infineon Technologies AG TDA7200 Datasheet HTML 40Page - Infineon Technologies AG TDA7200 Datasheet HTML 41Page - Infineon Technologies AG TDA7200 Datasheet HTML 42Page - Infineon Technologies AG TDA7200 Datasheet HTML 43Page - Infineon Technologies AG TDA7200 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
TDA7200
Reference
Data Sheet
40
V 1.0, 2007-05-02
SLICER
Slicer, Signal Output DATA (PIN 25)
1
Maximum Datarate
DRmax
100
kBps
NRZ, 20pF
capacitive loading
2
LOW output voltage
VSLIC_L
00.1
V
3
HIGH output voltage
VSLIC_H
VS-
1.5
VS-1
VS-
0.5
V
output
current=200µA
Slicer, Negative Input (PIN 20)
1
Precharge Current
Out
IPCH_SLN -100
-220
-300
µA
see Section 4.2
PEAK DETECTOR
Signal Output PDO (PIN 26)
1
Load current
Iload
-400
µA
static load current
must not exceed
-500µA
2
Internal resistive load R
356
446
575
k
CRYSTAL OSCILLATOR
Signals CRSTL 1, CRSTL 2 (PINS 1/28)
1
Operating frequency
fCRSTL
6
14
MHz fundamental mode,
series resonance
ASK/FSK Signal Switch
Signal MSEL (PIN 15)
1
ASK Mode
VMSEL
1.4
4
V
or open
2
FSK Mode
VMSEL
00.2
V
3
Input bias current
MSEL
IMSEL
-11
-20
µA
MSEL tied to GND
#
Parameter
Symbol
Limit Values
Unit
Test Conditions/
Notes
min.
typ.
max.


Número de pieza similar - TDA7200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA7210V INFINEON-TDA7210V Datasheet
299Kb / 2P
   ASK/FSK Receiver for the 434 and 868MHz frequency bands in a tiny VQFN package
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
logo
STMicroelectronics
TDA7212 STMICROELECTRONICS-TDA7212 Datasheet
61Kb / 4P
   LOW VOLTAGE FM XTAL CONTROLLED FRONT-END
TDA7220 STMICROELECTRONICS-TDA7220 Datasheet
382Kb / 16P
   VERY LOW VOLTAGE AM-FM RADIO
More results

Descripción similar - TDA7200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
TDA5212 INFINEON-TDA5212 Datasheet
1Mb / 51P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.1 May 2003
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com