Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N1124A Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza 1N1124A
Descripción Electrónicos  HIGH RELIABILITY POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N1124A Datasheet(HTML) 3 Page - Microsemi Corporation

  1N1124A_10 Datasheet HTML 1Page - Microsemi Corporation 1N1124A_10 Datasheet HTML 2Page - Microsemi Corporation 1N1124A_10 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY POWER RECTIFIER
T4-LDS-0135 Rev. 1 (091678)
Page 3 of 3
PACKAGE DIMENSIONS
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CH
.405
10.29
CD
.424
10.77
HF
.424
.437
10.77
11.10
HT
.075
.175
1.90
4.44
OAH
.800
20.32
C
.250
6.35
9
φT
.060
1.52
SL
.422
.453
10.72
11.51
K
3,5,7
NOTES:
1.
Dimensions are in inches.
2.
Millimeters are given for general information only.
3.
Units must not be damaged by torque of 15 inch-pounds applied to
10-32NF-2B nut assembled on thread
4.
Diameter of unthreaded portion .189 inch (4.80 mm) max and .163
inch (4.14 mm) min.
5.
Complete threads to extend to within 2.5 threads of seating plane.
6.
Angular orientation of this terminal is undefined.
7.
Max pitch diameter of plated threads shall be basic pitch diameter
.169 inch (4.31 mm) reference FED-STD-H28 (Screw Thread
Standards for Federal Services.)
8.
The A.S.A. thread reference is 10-32UNF2A.
9.
Terminal shape is unrestricted.
10. Reversed (anode to stud) units shall be marked with an R
following the last digit in the type number
11. In accordance with ASME Y14.5M, diameters are equivalent to
φx
symbology.
Physical dimensions (DO-203AA, formerly DO-4)
1N1202A, 1N1204A, 1N1206A, 1N3671A, 1N3673A and AR versions, and 1N1124A, 1N1126A,
1N1128A, and RA versions 1N3649, 1N3650, and R versions.


Número de pieza similar - 1N1124A_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
1N1124A SSDI-1N1124A_1 Datasheet
202Kb / 2P
   3 AMPS 200-600VOLTS 5usec STANDARD RECOVERY RECTIFIER
More results

Descripción similar - 1N1124A_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N1184 MICROSEMI-1N1184_10 Datasheet
123Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N3164 MICROSEMI-1N3164_10 Datasheet
90Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N3289 MICROSEMI-1N3289_10 Datasheet
87Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
logo
New Jersey Semi-Conduct...
45CKQ100 NJSEMI-45CKQ100 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
logo
Microsemi Corporation
1N6391 MICROSEMI-1N6391_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
1N6392 MICROSEMI-1N6392_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
logo
Coilcraft lnc.
MS513PYA COILCRAFT-MS513PYA Datasheet
344Kb / 3P
   High-Reliability Power Inductors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com