Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3768 Datasheet(PDF) 3 Page - Microsemi Corporation |
|
1N3768 Datasheet(HTML) 3 Page - Microsemi Corporation |
3 / 3 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Website: http://www.microsemi.com HIGH RELIABILITY SILICON POWER RECTIFIER T4-LDS-0138 Rev. 1 (091729) Page 3 of 3 PACKAGE DIMENSIONS Ltr Dimensions Inches Millimeters Min Max Min Max OAH 1.000 25.40 CH .450 11.43 HT .115 .200 2.93 5.08 SL .422 .453 10.72 11.50 HT1 .060 1.53 B .250 .375 6.35 9.52 CD .667 16.94 HF .667 .687 16.95 17.44 J .156 3.97 φT .140 .175 3.56 04.44 C .080 2.03 NOTES: 1 Dimensions are in inches. 2 Millimeters are given for general information only. 3 Units must not be damaged by torque of 30 inch-pounds applied to .250-28 UNF-28 nut assembled on thread. 4 Diameter of unthreaded portion .249 inch (6.32 mm) max and .220 inch (5.59 mm) min. 5 Complete threads to extend to within 2.5 threads of seating plane. 6 Angular orientation of this terminal is undefined. 7 Max pitch diameter of plated threads shall be basic pitch diameter .2268 inch (5.76 mm) reference FEDSTD-H28. 8 A chamfer or undercut on one or both ends of the hex portion is optional; minimum base diameter at seating plane. .600 inch (15.24 mm). 9 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology. M .030 0.77 Physical dimensions, (all device types) DO-5 |
Número de pieza similar - 1N3768 |
|
Descripción similar - 1N3768 |