Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3768R Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N3768R
Descripción Electrónicos  HIGH RELIABILITY SILICON POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3768R Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3768R Datasheet HTML 1Page - Microsemi Corporation 1N3768R Datasheet HTML 2Page - Microsemi Corporation 1N3768R Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY SILICON POWER RECTIFIER
Qualified per MIL-PRF-19500/297
• Glass Passivated Die
• Glass to Metal Seal Construction
• 500 Amps Surge Rating
• VRRM to 1000 Volts
T4-LDS-0138 Rev. 1 (091729)
Page 1 of 3
DEVICES
LEVELS
1N1184
1N1190
1N1184R
1N1190R
JAN
1N1186
1N3766
1N1186R
1N3766R
JANTX
1N1188
1N3768
1N1188R
1N3768R
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Peak Reverse Voltage
1N1184
1N1186
1N1188
1N1190
1N3766
1N3768
1N1184R
1N1186R
1N1188R
1N1190R
1N3766R
1N3768R
VR
100
200
400
600
800
1000
V
Average Forward Current, TC = 150°
IF
35
A
Peak Surge Forward Current @ tp = 8.3ms, half sinewave,
TC = 150°C
IFSM
500
A
Thermal Resistance, Junction to Case
RθJC
0.8
°C/W
Operating Case Temperature Range
Tj
-65°C to 175°C
°C
Storage Temperature Range
TSTG
-65°C to 175°C
°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Voltage
IFM = 110A, TC = 25°C*
VFM
1.4
V
Forward Voltage
IFM = 500A, TC = 150°C*
VFM
2.3
V
Reverse Current
VRM = 100, Tj = 25°C
VRM = 200, Tj = 25°C
VRM = 400, Tj = 25°C
VRM = 600, Tj = 25°C
VRM = 800, Tj = 25°C
VRM = 1000, Tj = 25°C
1N1184
1N1186
1N1188
1N1190
1N3766
1N3768
1N1184R
1N1186R
1N1188R
1N1190R
1N3766R
1N3768R
IRM
10
μA
Reverse Current
VRM = 100, Tj = 150°C
VRM = 200, Tj = 150°C
VRM = 400, Tj = 150°C
VRM = 600, Tj = 150°C
VRM = 800, Tj = 150°C
VRM = 1000, Tj = 150°C
1N1184
1N1186
1N1188
1N1190
1N3766
1N3768
1N1184R
1N1186R
1N1188R
1N1190R
1N3766R
1N3768R
IRM
1
mA
* Pulse test: Pulse width 300 µsec, Duty cycle 2%
Note:
DO-203AB (DO-5)


Número de pieza similar - 1N3768R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3768R MICROSEMI-1N3768R Datasheet
113Kb / 2P
   Military Silicon Power Rectifier
logo
GeneSiC Semiconductor, ...
1N3768R GENESIC-1N3768R Datasheet
705Kb / 3P
   High Surge Capability
1N3768R GENESIC-1N3768R Datasheet
728Kb / 3P
   Silicon Standard Recovery Diode
1N3768R GENESIC-1N3768R Datasheet
768Kb / 3P
   Silicon Standard Recovery Diode
More results

Descripción similar - 1N3768R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3164 MICROSEMI-1N3164_10 Datasheet
90Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N3289 MICROSEMI-1N3289_10 Datasheet
87Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N1124A MICROSEMI-1N1124A_10 Datasheet
64Kb / 3P
   HIGH RELIABILITY POWER RECTIFIER
logo
New Jersey Semi-Conduct...
45CKQ100 NJSEMI-45CKQ100 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
logo
Microsemi Corporation
1N6391 MICROSEMI-1N6391_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
1N6392 MICROSEMI-1N6392_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
A190N ETC2-A190N Datasheet
538Kb / 6P
   High Power Silicon Rectifier
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com