Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3611 Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza 1N3611
Descripción Electrónicos  VOIDLESS-HERMETICALLY-SEALED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3611 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N3611_11 Datasheet HTML 1Page - Microsemi Corporation 1N3611_11 Datasheet HTML 2Page - Microsemi Corporation 1N3611_11 Datasheet HTML 3Page - Microsemi Corporation 1N3611_11 Datasheet HTML 4Page - Microsemi Corporation 1N3611_11 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0190 Rev. 1 (110047)
Page 3 of 5
ELECTRICAL CHARACTERISTICS @ 30oC Case Temperature
TYPE
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MINIMUM
BREAKDOWN
VOLTAGE
VBR @ 100μA
AVERAGE
RECTIFIED
CURRENT
(NOTE 2)
IO
MAXIMUM
FORWARD
VOLTAGE
VF @ 1 A
(PULSED)
MAXIMUM
REVERSE
CURRENT
IR @ VRWM
MAXIMUM
SURGE
CURRENT
(NOTE1)
IFSM
VOLTS
VOLTS
AMPS
VOLTS
μA
AMPS
100
oC
150
oC
25
oC
150
oC
JAN1N3611
200
240
1.0
0.30
1.1
1.0
300
30
JAN1N3612
400
480
1.0
0.30
1.1
1.0
300
30
JAN1N3613
600
720
1.0
0.30
1.1
1.0
300
30
JAN1N3614
800
920
1.0
0.30
1.1
1.0
300
30
JAN1N3957
1000
1150
1.0
0.30
1.1
1.0
300
30
NOTE 1: TA = 25
oC, I
O = 1.0 A, 10 surges of 8.3 ms @ 1 minute intervals
NOTE 2: Linearly derate at 13.3 mA/ºC between TA=100ºC and 175ºC
SYMBOLS & DEFINITIONS
Symbol
Definition
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating
temperature range.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified
current.
IR
Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage
and temperature.


Número de pieza similar - 1N3611_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
1N3611 CENTRAL-1N3611_15 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
More results

Descripción similar - 1N3611_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
   Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N3643 MICROSEMI-1N3643_1 Datasheet
141Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com