Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3611 Datasheet(PDF) 4 Page - Microsemi Corporation

No. de pieza 1N3611
Descripción Electrónicos  VOIDLESS-HERMETICALLY-SEALED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3611 Datasheet(HTML) 4 Page - Microsemi Corporation

  1N3611_11 Datasheet HTML 1Page - Microsemi Corporation 1N3611_11 Datasheet HTML 2Page - Microsemi Corporation 1N3611_11 Datasheet HTML 3Page - Microsemi Corporation 1N3611_11 Datasheet HTML 4Page - Microsemi Corporation 1N3611_11 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6 La
1-80
Web
T4-L
T
ake Street, Lawren
00-446-1158 / (978
bsite: http://www
LDS-0190 Rev.
TYPICAL FO
nce, MA 01841
8) 620-2600 / Fax:
.microsemi.com
. 1 (110047)
FIGU
ORWARD CO
: (978) 689-0803
RE 1
ONDUCTAN
SUR
Square Pul
NCE CURVE
RGE DURAT
lse Current vs
TECH
GRAPH
AL
FIGURE 3
TION vs PUL
s Duration for
HNICA
Gort
Tel:
S
LLOWABLE
LSE CURREN
r Non-Repetit
AL DA
t Road Business P
+353 (0) 65 6840
FIGURE
E PEAK SURG
NT
tive Pulse
ATA SH
Park, Ennis, Co. C
0044 Fax: +353 (
2
GE vs DURA
HEET
Clare, Ireland
(0) 65 6822298
Page 4 of 5
ATION


Número de pieza similar - 1N3611_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
1N3611 CENTRAL-1N3611_15 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
More results

Descripción similar - 1N3611_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
   Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N3643 MICROSEMI-1N3643_1 Datasheet
141Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com