Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3611 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N3611
Descripción Electrónicos  VOIDLESS-HERMETICALLY-SEALED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3611 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3611_11 Datasheet HTML 1Page - Microsemi Corporation 1N3611_11 Datasheet HTML 2Page - Microsemi Corporation 1N3611_11 Datasheet HTML 3Page - Microsemi Corporation 1N3611_11 Datasheet HTML 4Page - Microsemi Corporation 1N3611_11 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
VOIDLESS-HERMETICALLY-SEALED
STANDARD RECOVERY GLASS RECTIFIERS
Qualified per MIL-PRF-19500/228
T4-LDS-0190 Rev. 1 (110047)
Page 1 of 5
DEVICES
LEVELS
1N3611 thru 1N3613
JAN, JANTX
*1N3614 and 1N3957
* JAN, TX, TXV
DESCRIPTION
This “standard recovery” rectifier diode series is military qualified to MIL-PRF-19500/228
and is ideal for high-reliability applications where a failure cannot be tolerated. These
industry-recognized 1.0 Amp rated rectifiers for working peak reverse voltages from 200 to
1000 volts are hermetically sealed with voidless-glass construction using an internal
“Category I” metallurgical bond. These devices are similar in ratings to the 1N5614 thru
1N5622 series where surface mount MELF package configurations are available by adding a
“US” suffix (see separate data sheet for 1N5614US thru 1N5622US). Microsemi also offers
numerous other rectifier products to meet higher and lower current ratings with various
recovery time speed requirements including fast and ultrafast device types in both through-
hole and surface mount packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website:
http://www.microsemi.com
FEATURES
Popular JEDEC registered 1N3611 thru 1N3614 and 1N3597 series
Voidless hermetically sealed glass package
Internal “Category I” Metallurgical bonds
Working Peak Reverse Voltage 200 to 1000 Volts.
JAN, JANTX, and JANTXV available per MIL-PRF-19500/286 (for JANS, see
1N5614-5622 series)
Surface mount equivalents also available in a square end-cap MELF configuration with
“US” suffix (also see 1N5614US thru 1N5622US)
“A” Package


Número de pieza similar - 1N3611_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
1N3611 CENTRAL-1N3611_15 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
More results

Descripción similar - 1N3611_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
   Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
   Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N3643 MICROSEMI-1N3643_1 Datasheet
141Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com