Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4416A Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 2N4416A
Descripción Electrónicos  N-CHANNEL J-FET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4416A Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4416A_08 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
N-CHANNEL J-FET
Equivalent To MIL-PRF-19500/428
T4-LDS-0008 Rev. 2 (0080111)
Page 1 of 1
DEVICES
LEVELS
2N4416A
MQ = JAN Equivalent
MX = JANTX Equivalent
MV = JANTXV Equivalent
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Gate-Source Voltage
VGS
-35
Vdc
Drain-Source Voltage
VDS
35
Vdc
Drain-Gate Voltage
VDG
35
Vdc
Gate Current
IG
10
mAdc
Power Dissipation
TA = +25°C
(1)
PT
300
mWdc
Operating Junction & Storage Temperature Range
Tj, Tstg
-65 to + 200
°C
(1) Derate linearly 1.7 mW/°C for TA > +25°C.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Gate-Source Breakdown Voltage
VDS = 0, IG = 1.0μA dc
V(BR)GSS
-35
Vdc
Gate Reverse Current
VDS = 0, VGS = 20V dc
IGSS
-0.1
ηAdc
Drain Current
VDS = 15V dc
IDSS
5
15
mAdc
Gate-Source Voltage
VDS = 15V, ID = 0.5mA dc
VGS
-1
-5.5
Vdc
Gate-Source Cutoff Voltage
VDS = 15V, ID = 1.0ηA dc
VGS(off)
-2.5
-6.0
Vdc
Gate-Source Forward Voltage
VDS = 0V, IG = 1.0mA dc
VGSF
1
Vdc
Magnitude of Small-Signal, Common-Source
Short-Circuit Forward Transfer Admittance
(2)
VGS = 0, VDS = 15V dc, f = 1.0kHz
|yfs|
(2)
4.5
7.5
ms
Small-Signal, Common-Source Short-Circuit
Input Capacitance
VGS = 0, VDS = 15V dc, 100kHz ≤ f ≤1.0MHz
Ciss
4.0
pF
Small-Signal, Common-Source Short-Circuit
Reverse Transfer Capacitance
VDS = 15V dc, VGS = 0, 100kHz ≤ f ≤1.0MHz
Crss
0.8
pF
Small-Signal, Common-Source Short-Circuit
Output Capacitance
VDS = 15V dc, VGS = 0, 100kHz ≤ f ≤1.0MHz
Coss
2.0
pF
(2) Pulse Width = 100ms; Duty Cycle = 100%
TO-72
(TO-206AF)


Número de pieza similar - 2N4416A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N4416AC1 SEME-LAB-2N4416AC1 Datasheet
584Kb / 4P
   SILICON SMALL SIGNAL N-CHANNEL JFET
2N4416ACSM SEME-LAB-2N4416ACSM Datasheet
35Kb / 2P
   SMALL SIGNAL N-CHANNEL J-FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micross Components
2N4416A_TO-18 MICROSS-2N4416A_TO-18 Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416A_TO-72 MICROSS-2N4416A_TO-72 Datasheet
301Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416A_TO-92 MICROSS-2N4416A_TO-92 Datasheet
301Kb / 1P
   a N-Channel high frequency JFET amplifier
More results

Descripción similar - 2N4416A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
2N4856 MICROSEMI-2N4856_09 Datasheet
49Kb / 2P
   N-CHANNEL J-FET
2N4416A MICROSEMI-2N4416A Datasheet
55Kb / 2P
   N-CHANNEL J-FET
logo
New Jersey Semi-Conduct...
2N5393 NJSEMI-2N5393 Datasheet
79Kb / 1P
   N-CHANNEL J-FET
logo
Microsemi Corporation
2N4856 MICROSEMI-2N4856 Datasheet
68Kb / 3P
   N-CHANNEL J-FET
2N4091 MICROSEMI-2N4091_08 Datasheet
48Kb / 2P
   N-CHANNEL J-FET
logo
NXP Semiconductors
2N3819 PHILIPS-2N3819 Datasheet
65Kb / 4P
   N-channel J-FET
October 1990
logo
Microsemi Corporation
2N3821 MICROSEMI-2N3821_10 Datasheet
242Kb / 4P
   N-CHANNEL J-FET DEPLETION MODE
logo
New Jersey Semi-Conduct...
2N5114 NJSEMI-2N5114 Datasheet
495Kb / 1P
   P-CHANNEL J-FET
logo
Microsemi Corporation
2N2609 MICROSEMI-2N2609_08 Datasheet
55Kb / 1P
   P-CHANNEL J-FET
2N5114 MICROSEMI-2N5114_08 Datasheet
60Kb / 2P
   P-CHANNEL J-FET
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com