Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1200SDUBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1200SDUBR
Descripción Electrónicos  Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200SDUBR Datasheet(HTML) 1 Page - Texas Instruments

  AMC1200SDUBR Datasheet HTML 1Page - Texas Instruments AMC1200SDUBR Datasheet HTML 2Page - Texas Instruments AMC1200SDUBR Datasheet HTML 3Page - Texas Instruments AMC1200SDUBR Datasheet HTML 4Page - Texas Instruments AMC1200SDUBR Datasheet HTML 5Page - Texas Instruments AMC1200SDUBR Datasheet HTML 6Page - Texas Instruments AMC1200SDUBR Datasheet HTML 7Page - Texas Instruments AMC1200SDUBR Datasheet HTML 8Page - Texas Instruments AMC1200SDUBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
0V
250mV
2.55V
2V
1.29V
2V
5V
3.3V
GND1
GND2
VDD1
VDD2
VOUTP
VOUTN
VINP
VINN
AMC1200
www.ti.com
SBAS542
– APRIL 2011
Fully-Differential Isolation Amplifier
Check for Samples: AMC1200
1
FEATURES
DESCRIPTION
The AMC1200 is a precision isolation amplifier with
2
±250-mV Input Voltage Range Optimized for
an output separated from the input circuitry by a
Shunt Resistors
silicon dioxide (SiO2) barrier that is highly resistant to
Very Low Nonlinearity: 0.075% max at 5 V
magnetic interference. This barrier has been certified
Low Offset Error: 1.5 mV max
to provide galvanic isolation of up to 4000 VPEAK
according to UL1577 and IEC60747-5-2. Used in
Low Noise: 3.1 mVRMS typ
conjunction with isolated power supplies, this device
Low High-Side Supply Current: 8 mA max at
prevents noise currents on a high common-mode
5 V
voltage line from entering the local ground and
Input Bandwidth: 60 kHz min
interfering with or damaging sensitive circuitry.
Fixed Gain: 8 (0.5% accuracy)
The input of the AMC1200 is optimized for direct
connection to shunt resistors or other low voltage
High Common-Mode Rejection Ratio: 108 dB
level signal sources. The excellent performance of
3.3-V Operation on Low-Side
the device supports accurate current control resulting
Certified Galvanic Isolation:
in system-level power saving and, especially in
– UL1577 and IEC60747-5-2 Approved
motor-control applications, lower torque ripple. The
common-mode
voltage
of
the
output
signal
is
– Isolation Voltage: 4000 VPEAK
automatically adjusted to either the 3-V or 5-V
– Working Voltage: 1200 VPEAK
low-side supply.
– Transient Immunity: 10 kV/µs min
The AMC1200 is fully specified over the extended
Typical 10-Year Lifespan at Rated Working
industrial temperature range of
–40 °C to +105 °C
Voltage (see Application Report SLLA197)
and is available in the SMD-type, gullwing-8 package.
Fully Specified Over the Extended Industrial
Temperature Range
APPLICATIONS
Shunt Resistor Based Current Sensing in:
– Motor Control
– Green Energy
– Frequency Inverters
– Uninterruptible Power Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - AMC1200SDUBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
More results

Descripción similar - AMC1200SDUBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_16 Datasheet
7Mb / 17P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com