Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD97370Q5M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD97370Q5M
Descripción Electrónicos  Synchronous Buck NexFET Power Stage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD97370Q5M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD97370Q5M Datasheet HTML 2Page - Texas Instruments CSD97370Q5M Datasheet HTML 3Page - Texas Instruments CSD97370Q5M Datasheet HTML 4Page - Texas Instruments CSD97370Q5M Datasheet HTML 5Page - Texas Instruments CSD97370Q5M Datasheet HTML 6Page - Texas Instruments CSD97370Q5M Datasheet HTML 7Page - Texas Instruments CSD97370Q5M Datasheet HTML 8Page - Texas Instruments CSD97370Q5M Datasheet HTML 9Page - Texas Instruments CSD97370Q5M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CSD97370Q5M
SLPS314A
– JUNE 2011 – REVISED JUNE 2011
www.ti.com
ENABLE
The ENABLE pin is TTL compatible. The logic level thresholds are sustained under all VDD operating conditions
between VPOR to VDD. In addition, if this pin is left floating, a weak internal pull down resistor of 100kΩ will pull the
ENABLE pin below the logic level low threshold. The operational functions of this pin should follow the timing
diagram outlined in Figure 5. A logic level low will actively hold both Control FET and Sync FET gates low and
VDD pin should typically draw less than 5µA.
POWER UP SEQUENCING
If the ENABLE signal is used, it is necessary to ensure proper co-ordination with the ENABLE and soft-start
features of the external PWM controller in the system. If the CSD97370Q5M was disabled through ENABLE
without sequencing with the PWM IC controller, the buck converter output will have no voltage or fall below
regulation set point voltage. As a result, the PWM controller IC delivers Max duty cycle on the PWM line. If the
Power Stage CSD97370Q5M is re-enabled by driving the ENABLE pin high, there will be an extremely large
input inrush current when the output voltage builds back up again. The input inrush current might have
undesirable consequences such as inductor saturation, driving the input power supply into current limit or even
catastrophic failure of the CSD97370Q5M device. Disabling the PWM controller is recommended when the
CSD97370Q5M is disabled. The PWM controller should always be re-enabled by going through soft-start routine
to control and minimize the input inrush current and reduce current and voltage stress on all buck converter
components. It is recommended that the external PWM controller be disabled when CSD97370Q5M is disabled
or nonoperational because of UVLO.
PWM
The input PWM pin incorporates a 3-State function. The Control FET and Sync FET gates are forced low if the
PWM pin is left floating for more than the 3-State Hold off time (t3HT), typically 100ns. This requires the source
impedance of the driving PWM signal to be a minimum of 250k
Ω when in 3-State mode. Operation in and out of
3-State mode should follow the timing diagram outlined in Figure 6. Both VPWML and VPWMH threshold levels are
set to accommodate both 3.3V and 5V logic controllers. During normal operation, the PWM signal should be
driven to logic levels Low and High with a maximum of 220
Ω/320Ω sink/source impedance respectively.
GATE DRIVERS
The CSD97370Q5M has an internal high-performance gate driver IC that ensures minimum MOSFET dead-time
while eliminating potential shoot-through currents. Propagation delays between the Control FET and Sync FET
gates are kept to a minimum to minimize body diode conduction and improve efficiency. The gate driver IC
incorporates an adaptive shoot through protection scheme which ensures that neither MOSFET is turned on
while the other one is still conducting at the same time, preventing cross conduction. See Table 1.
Table 1. Truth Table
CONTROL FET
ENABLE
PWM
SYNC FET GATE
VSW
GATE
L
X
L
L
3-State
H
<Min ON time
L
L
3-State
H
L
L
H
PGND
H
3-State
L
L
3-State
H
H
H
L
VIN
L = Logic Low; H = Logic High; X = Don't care; minimum on time = 40ns
START UP IN PRE-BIASED OUTPUT VOLTAGE
The CSD97370Q5M incorporates a simple pre-bias feature to protect against the discharging of a prebiased
output voltage and inducing large negative inductor currents. After the Power On Reset threshold is crossed and
the ENABLE pin is set to logic level high, both internal MOSFETs are actively held low until the PWM pin
receives a signal that crosses logic level high threshold and meets the minimum on time criteria (see the
Electrical Characteristics Table). This allows the PWM control IC to provide a soft start routine that creates a
monotonic startup of the output voltage. The pre-bias feature is enabled for a single event and subsequent PWM
signals creates normal switching of the internal MOSFETs (see Table 1). To reactivate the pre-bias feature, the
ENABLE pin needs to be pulled below logic level low or the VDD supply voltage needs to cross UVLO.
6
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - CSD97370Q5M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD97370Q5M TI-CSD97370Q5M Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI-CSD97370Q5M Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Descripción similar - CSD97370Q5M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com