Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC34H84IZAY Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC34H84IZAY
Descripción Electrónicos  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34H84IZAY Datasheet(HTML) 3 Page - Texas Instruments

  DAC34H84IZAY Datasheet HTML 1Page - Texas Instruments DAC34H84IZAY Datasheet HTML 2Page - Texas Instruments DAC34H84IZAY Datasheet HTML 3Page - Texas Instruments DAC34H84IZAY Datasheet HTML 4Page - Texas Instruments DAC34H84IZAY Datasheet HTML 5Page - Texas Instruments DAC34H84IZAY Datasheet HTML 6Page - Texas Instruments DAC34H84IZAY Datasheet HTML 7Page - Texas Instruments DAC34H84IZAY Datasheet HTML 8Page - Texas Instruments DAC34H84IZAY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
GND
GND
GND
OSTR
N
GND
SYNC
N
DAB
15N
DAB
14N
DAB
13N
DAB
12N
DAB
11N
DAB
10N
DAB
9N
OSTR
P
SYNC
P
GND
DAC
CLKP
DAC
CLKN
GND
DAB
15P
DAB
14P
DAB
13P
DAB
12P
DAB
11P
DAB
10P
DAB
9P
GND
IOUT
AP
IOUT
AN
GND
IOUT
BN
IOUT
BP
GND
GND
IOUT
CP
IOUT
CN
GND
IOUT
DN
IOUT
DP
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PLL
AVDD
LPF
GND
GND
EXTIO
BIASJ
GND
IO
VDD2
GND
ALARM
SDO
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
TEST
MODE
RESET
B
SDENB
AVDD
DAC
VDD
DAC
VDD
DAC
VDD
DAC
VDD
DAC
VDD
DAC
VDD
AVDD
GND
TXENA
SCLK
DAC
VDD
DAC
VDD
GND
GND
GND
DAC
VDD
DAC
VDD
GND
PLL
AVDD
CLK
VDD
GND
GND
GND
GND
SLEEP
SDIO
GND
GND
GND
GND
GND
GND
GND
GND
GND
VFUSE
DIG
VDD
GND
GND
GND
DIG
VDD
VFUSE
GND
GND
GND
GND
PARITY
CDP
PARITY
CDN
DCD
0P
DCD
0N
GND
IO
VDD
DIG
VDD
GND
GND
GND
GND
DIG
VDD
IO
VDD
GND
DCD
1P
DCD
1N
GND
IO
VDD
DIG
VDD
DIG
VDD
IO
VDD
IO
VDD
DIG
VDD
DIG
VDD
IO
VDD
GND
DCD
2P
DCD
2N
DAB
8P
DAB
6P
DAB
8N
DAB
6N
DAB
7P
DAB
5P
DAB
7N
DAB
5N
DAB
4P
DAB
2P
DAB
4N
DAB
2N
DAB
3P
DAB
1P
DAB
3N
DAB
1N
DAB
0P
DAB
0N
DCD
15P
DCD
15N
DCD
14P
DCD
12P
DCD
14N
DCD
12N
DCD
13P
DCD
11P
DCD
13N
DCD
11N
DCD
10P
DCD
8P
DCD
10N
DCD
8N
DCD
9P
DCD
7P
DCD
9N
DCD
7N
DCD
3P
DCD
3N
DCD
4P
DCD
4N
DCD
5P
DCD
5N
DCD
6P
DCD
6N
DATA
CLKP
DATA
CLKN
ISTR/
PARITY
ABP
ISTR/
PARITY
ABN
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
9
8
7
6
5
4
3
2
1
ZAY Package
(Top View)
DAC Output
Clock Input
Sync/Parity Input
Data Input
CMOS Pins
Miscellaneous
3.3V Supply
Ground
P0134-01
CLK
VDD
1.2V Supply
(except for IOVDD2)
DAC34H84
www.ti.com
SLAS751A
– MARCH 2011 – REVISED JUNE 2011
PINOUT
Copyright
© 2011, Texas Instruments Incorporated
3


Número de pieza similar - DAC34H84IZAY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC34H84IZAY TI1-DAC34H84IZAY Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84IZAY TI1-DAC34H84IZAY Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84IZAYR TI1-DAC34H84IZAYR Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84IZAYR TI1-DAC34H84IZAYR Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Descripción similar - DAC34H84IZAY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com