Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4S014 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4S014
Descripción Electrónicos  COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S014 Datasheet(HTML) 5 Page - Texas Instruments

  TPD4S014 Datasheet HTML 1Page - Texas Instruments TPD4S014 Datasheet HTML 2Page - Texas Instruments TPD4S014 Datasheet HTML 3Page - Texas Instruments TPD4S014 Datasheet HTML 4Page - Texas Instruments TPD4S014 Datasheet HTML 5Page - Texas Instruments TPD4S014 Datasheet HTML 6Page - Texas Instruments TPD4S014 Datasheet HTML 7Page - Texas Instruments TPD4S014 Datasheet HTML 8Page - Texas Instruments TPD4S014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
j
a
D
JA
T
T
P
=
+
q
2
D
on
P
I R
=
TPD4S014
www.ti.com
SLVSAU0A
– MAY 2011 – REVISED JUNE 2011
GENERAL OPERATION
The TPD4S014 provides a single-chip protection solution for USB charger interfaces. The VBUS line is tolerant
upto 28 V. A Low RDS(on) nFET switch is used to disconnect the downstream circuits in case of a fault condition.
At power-up, when the voltage on VBUS is rising, the switch will close 16 ms after the input crosses the
undervoltage threshold, thereby making power available to the downstream circuits. The TPD4S014 also has an
ACK output, which deasserts to alert the system that a fault has occurred. The TPD4S014 offers 4 channel ESD
clamps for D+, D-, ID, and VBUS pins that provide IEC61000-4-2 level 4 ESD protection. This eliminates the
need for external TVS clamp circuits in the application.
The TPD4S014 has an internal oscillator and charge pump that controls the turn-on of the internal nFET switch.
The internal oscillator controls the timers that enable the turn-on of the charge pump and sets the state of the
open-drain ACK output. If VBUS < VUVLO or if VBUS > VOVLO, the internal oscillator remains off, thus disabling the
charge pump. The charge-pump at startup, after a 16ms internal delay, turns on the internal nFET switch and
asserts ACK. At any time, if VBUS drops below VUVLO or rises above VOVLO, ACK is released and the nFET switch
is disabled.
When the input voltage rises above VOVP, or drops below the VUVLO, the internal VBUS switch is turned off,
removing power to the application. The ACK signal is asserted when a fault condition is detected. If the fault was
an over voltage event, the VBUS FET switch turns on 8ms after input voltage returns below VOVP – VHYS-OVP and
remains above VUVLO. If the fault was an under voltage event, the switch turns on 16ms after the voltage
returns above VUVLO+ (similar to start up). When the switch turns on, the ACK is asserted once again.
A 16ms deglitch time has been introduced in to the turn on sequence to ensure that the input supply has
stabilized before turning the switch ON. Noise on the Vbus line, could turn on the switch when the fault condition
is still active. To avoid this, OVP glitch immunity allows noise on the VBUS line to be rejected. Such a glitch
protection circuitry is also introduced in the turn off sequence in order to prevent the switch from turning off for
voltage transients. The glitch protection circuitry integrates the glitch over time, allowing the OVP circuitry to
trigger faster for larger voltage excursions above the OVP threshold and slower for shorter excursions. The
protection circuitry has a maximum delay of 8
µs.
When the device is ON, current flowing through the device will cause the device to heat up. Over heating can
lead to permanent damage to the device. To prevent this, an over temperature protection has been designed into
the device. Whenever the junction temperature exceeds 145
°C, the switch will turn off, thereby limiting the
temperature. The ACK signal will be asserted for an over temperature event. Once the device cools down to
below 120
°C the ACK signal will be deasserted, and the switch will turn on if the EN is active and the VBUS
voltage is within the UVLO and OVP thresholds. While the over temperature protection in the device will not
kick-in unless the die temperature reaches 145
°C, It is generally recommended that care is taken to keep the
junction temperature below 125
°C. Operation of the device above 125 °C for extended periods of time can affect
the long-term reliability of the part.
The junction temperature of the device can be calculated using below formula:
(1)
Tj
=
Junction temperature
Ta
=
Ambient temperature
θJA
=
Thermal resistance
PD
=
Power Dissipated in device
(2)
I
=
Current through device
RON
=
Max on resistance of device
Copyright
© 2011, Texas Instruments Incorporated
5


Número de pieza similar - TPD4S014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
TPD4S014EVM TI-TPD4S014EVM Datasheet
318Kb / 5P
[Old version datasheet]   Over-voltage protection functionality
TPD4S014_1110 TI1-TPD4S014_1110 Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
More results

Descripción similar - TPD4S014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4S014_1110 TI1-TPD4S014_1110 Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
TPD4S014 TI1-TPD4S014_15 Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012DRLR TI-TPD4S012DRLR Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012 TI-TPD4S012 Datasheet
283Kb / 9P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
California Micro Device...
CM1240 CALMIRCO-CM1240 Datasheet
147Kb / 6P
   Dual-Voltage ESD Protection Array for USB Port
logo
STMicroelectronics
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF01-10018W5 STMICROELECTRONICS-EMIF01-10018W5 Datasheet
150Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF09-02726SX STMICROELECTRONICS-EMIF09-02726SX Datasheet
156Kb / 12P
   EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com