Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD12S015AYFFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD12S015AYFFR
Descripción Electrónicos  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S015AYFFR Datasheet(HTML) 3 Page - Texas Instruments

  TPD12S015AYFFR Datasheet HTML 1Page - Texas Instruments TPD12S015AYFFR Datasheet HTML 2Page - Texas Instruments TPD12S015AYFFR Datasheet HTML 3Page - Texas Instruments TPD12S015AYFFR Datasheet HTML 4Page - Texas Instruments TPD12S015AYFFR Datasheet HTML 5Page - Texas Instruments TPD12S015AYFFR Datasheet HTML 6Page - Texas Instruments TPD12S015AYFFR Datasheet HTML 7Page - Texas Instruments TPD12S015AYFFR Datasheet HTML 8Page - Texas Instruments TPD12S015AYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
HOT PLUG 1
UTILITY 2
TMDS_D2+ 3
GND 4
TMDS_D2- 5
TMDSD1+ 6
GND 7
TMDSD1- 8
TMDS_D0+ 9
GND 10
TMDS_D0- 11
TMDS_CLK+ 12
GND 13
TMDS_CLK- 14
CEC 15
GND 16
SCL 17
SDA 18
P5V 19
GND 20
HPD_B
HPD_A
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
CEC_B
SCL_B
SDA_B
5V_OUT
CEC_A
SCL_A
SDA_A
VBAT
LS_OE
CT_CP_HPD
VCCA
TPD12S015A
HDMI Controller
0.1µF
4.7µF
4.7µF
1.2V to 3.3V
SW
FB
Battery Supply
(2.3V to 5.5V)
1µH
GND/P
GND
HOT PLUG 1
UTILITY 2
TMDS_D2+ 3
GND 4
TMDS_D2- 5
TMDSD1+ 6
GND 7
TMDSD1- 8
TMDS_D0+ 9
GND 10
TMDS_D0- 11
TMDS_CLK+ 12
GND 13
TMDS_CLK- 14
CEC 15
GND 16
SCL 17
SDA 18
P5V 19
GND 20
HPD_B
HPD_A
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
CEC_B
SCL_B
SDA_B
5V_OUT
CEC_A
SCL_A
SDA_A
VBAT
LS_OE
CT_CP_HPD
VCCA
TPD12S015A
HDMI Controller
0.1µF
4.7µF
4.7µF
1.2V to 3.3V
SW
FB
Battery Supply
(2.3V to 5.5V)
1µH
TPD12S015A
www.ti.com
SLLSE74A
– JUNE 2011 – REVISED JUNE 2011
SYSTEM LEVEL BLOCK DIAGRAM
Application Schematics for HDMI controllers with one GPIO for HDMI Interface Control
Some HDMI controllers may have only one GPIO to control the HDMI interface. Refer to Figure 1, HDMI Driver
Chip is controlling the TPD12S015A via only one control line (CT_CP_HPD). In this mode the HPD_A to LE_OE
pin are connected shown in the above oval dotted line.
Copyright
© 2011, Texas Instruments Incorporated
3


Número de pieza similar - TPD12S015AYFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
More results

Descripción similar - TPD12S015AYFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com