Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54429 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54429
Descripción Electrónicos  7V to 18V Input, 4.5-A Synchronous Step-Down ( SWIFT?? Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54429 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54429 Datasheet HTML 1Page - Texas Instruments TPS54429 Datasheet HTML 2Page - Texas Instruments TPS54429 Datasheet HTML 3Page - Texas Instruments TPS54429 Datasheet HTML 4Page - Texas Instruments TPS54429 Datasheet HTML 5Page - Texas Instruments TPS54429 Datasheet HTML 6Page - Texas Instruments TPS54429 Datasheet HTML 7Page - Texas Instruments TPS54429 Datasheet HTML 8Page - Texas Instruments TPS54429 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS54429
SLVSAS1
– FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
Iocl
Current limit
LOUT = 1.5 μH
(2), T
A = -20ºC to 85ºC
5.2
5.9
8.0
A
THERMAL SHUTDOWN
Shutdown temperature (2)
165
TSDN
Thermal shutdown threshold
°C
Hysteresis (2)
30
ON-TIME TIMER CONTROL
TON
On time
VIN = 12 V, VO = 1.05 V
145
ns
TOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
260
310
ns
SOFT START
ISSC
SS charge current
VSS = 0 V
1.4
2.0
2.6
μA
ISSD
SS discharge current
VSS = 0.5 V
0.1
0.2
mA
POWER GOOD
VFB rising (good)
85
90
95
%
VTHPG
PG threshold
VFB falling (fault)
85
%
IPG
PG sink current
PG = 0.5 V
2.5
5
mA
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP trip threshold
OVP detect
115
120
125
%
TOVPDEL
Output OVP prop delay
10
μs
UVP detect
60
65
70
%
VUVP
Output UVP trip threshold
Hysteresis
10
%
TUVPDEL
Output UVP delay
0.25
ms
TUVPEN
Output UVP enable delay
Relative to soft-start time
x 1.7
UVLO
Wake up VREG5 voltage
3.5
3.8
4.1
VUVLO
UVLO threshold
V
Hysteresis VREG5 voltage
0.23
0.35
0.47
(2)
Not production tested.
4
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54429


Número de pieza similar - TPS54429

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54429E TI1-TPS54429E Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429EPWP TI1-TPS54429EPWP Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429EPWPR TI1-TPS54429EPWPR Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429ERSAR TI1-TPS54429ERSAR Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429ERSAT TI1-TPS54429ERSAT Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
More results

Descripción similar - TPS54429

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54429E TI-TPS54429E_15 Datasheet
1,006Kb / 29P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54429E TI1-TPS54429E Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54228 TI1-TPS54228 Datasheet
372Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFT
TPS54227 TI1-TPS54227 Datasheet
329Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN SWIFT
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com