Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54478RTER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54478RTER
Descripción Electrónicos  2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54478RTER Datasheet(HTML) 5 Page - Texas Instruments

  TPS54478RTER Datasheet HTML 1Page - Texas Instruments TPS54478RTER Datasheet HTML 2Page - Texas Instruments TPS54478RTER Datasheet HTML 3Page - Texas Instruments TPS54478RTER Datasheet HTML 4Page - Texas Instruments TPS54478RTER Datasheet HTML 5Page - Texas Instruments TPS54478RTER Datasheet HTML 6Page - Texas Instruments TPS54478RTER Datasheet HTML 7Page - Texas Instruments TPS54478RTER Datasheet HTML 8Page - Texas Instruments TPS54478RTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
PH
VIN
15
14
13
GND
12
11
10
9
8
7
6
5
16
GND
VIN
PH
PH
1
2
3
4
SS/TR
PowerPAD
(17)
QFN16
RTE PACKAGE
(TOP VIEW)
TPS54478
www.ti.com
SLVSAS2
– JUNE 2011
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 2.95 to 6 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Output low
I(PWRGD) = 3 mA
0.2
0.3
V
Minimum VIN for valid output
V(PWRGD) < 0.5 V at 100 μA
1.2
1.6
V
DEVICE INFORMATION
PIN CONFIGURATION
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
AGND
5
Analog Ground should be electrically connected to GND close to the device.
BOOT
13
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below the minimum
required by the BOOT UVLO, the output is forced to switch off until the capacitor is refreshed.
COMP
7
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation
components to this pin.
EN
15
Enable pin, internal pull-up current source. Pull below 1.21 V to disable. Float to enable. Can be used to set the
on/off threshold (adjust UVLO) with two additional resistors.
GND
3, 4
Power Ground. This pin should be electrically connected directly to the power pad under the IC.
PH
10, 11,
The source of the internal high side power MOSFET, and drain of the internal low side (synchronous) rectifier
12
MOSFET.
PowerPAD
17
GND pin should be connected to the exposed power pad for proper operation. This power pad should be
connected to any internal PCB ground plane using multiple vias for good thermal performance.
PWRGD
14
An open drain output; asserts low if output voltage is low due to thermal shutdown, overcurrent,
over/under-voltage or EN shut down.
RT/CLK
8
Resistor Timing or External Clock input pin.
SS/TR
9
Slow start and tracking. An external capacitor connected to this pin sets the output voltage rise time. The SS
provides higer charge current when SS is below 0.15V, resulting in two slopes of the SS voltage.
This pin can also be used for tracking.
VIN
1, 2, 16
Input supply voltage, 2.95 V to 6 V.
Copyright
© 2011, Texas Instruments Incorporated
5


Número de pieza similar - TPS54478RTER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Descripción similar - TPS54478RTER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57112-Q1 TI-TPS57112-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com