Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS55010RTET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS55010RTET
Descripción Electrónicos  2.95V To 6V Input, 2W, Isolated DC/DC Converter with Integrated FETs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS55010RTET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS55010RTET Datasheet HTML 2Page - Texas Instruments TPS55010RTET Datasheet HTML 3Page - Texas Instruments TPS55010RTET Datasheet HTML 4Page - Texas Instruments TPS55010RTET Datasheet HTML 5Page - Texas Instruments TPS55010RTET Datasheet HTML 6Page - Texas Instruments TPS55010RTET Datasheet HTML 7Page - Texas Instruments TPS55010RTET Datasheet HTML 8Page - Texas Instruments TPS55010RTET Datasheet HTML 9Page - Texas Instruments TPS55010RTET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
0
10
20
30
40
50
60
70
80
90
−50
−25
0
25
50
75
100
125
150
Junction Temperature (°C)
High Side VIN = 5V
Low Side VIN = 5V
High Side VIN = 3.3V
Low Side VIN = 3.3V
G001
400
425
450
475
500
−50
−25
0
25
50
75
100
125
150
Junction Temperature (°C)
VIN = 5V
RT = 200kΩ
G002
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
−50
−25
0
25
50
75
100
125
150
Junction Temperature (°C)
VIN = 5V
VIN = 3.3V
G003
−6.0
−5.8
−5.6
−5.4
−5.2
−5.0
−4.8
−4.6
−4.4
−4.2
−4.0
−50
−25
0
25
50
75
100
125
150
Junction Temperature (°C)
VIN = 3.3V
VIN = 5V
G004
TPS55010
SLVSAV0A
– APRIL 2011 – REVISED JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C TO 150°C, VIN = 2.95V TO 6V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SS Slow Start
VIN UVLO to SS start time
100
µs
Charge current
V(SS) = 0.4 V
0.5
2.2
4
µA
SS to VSENSE matching
V(SS) = 0.4 V
35
mV
SS to reference Crossover
98% reference
1.1
V
SS discharge current (overload)
VSENSE = 0 V
325
µA
SS discharge voltage
VSENSE = 0V
46
mV
SS discharge current (UVLO, EN,
V(SS) = 0.5 V
1.2
mA
thermal fault)
FAULT Pin
VSENSE falling
91
% VREF
VSENSE threshold
VSENSE rising
108
% VREF
Output high leakage
VSENSE = VREF, V(FAULT) = 5.5 V
2
nA
Output low
I(FAULT) = 3 mA
0.3
V
Minimum VIN for valid output
V(FAULT) < 0.5 V at 100 µA
1.6
V
Spacer
TYPICAL CHARACTERISTICS
SPACER
Figure 3. HIGH SIDE AND LOW SIDE RDS(on)
Figure 4. FREQUENCY vs TEMPERATURE
vs TEMPERATURE
Figure 5. HIGH SIDE CURRENT LIMIT (SOURCING) vs
Figure 6. LOW SIDE CURRENT LIMIT (SINKING) vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
6
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - TPS55010RTET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS55010 TI-TPS55010_15 Datasheet
2Mb / 46P
[Old version datasheet]   TPS55010 2.95-V To 6-V Input, 2 W, Isolated DC/DC Converter with Integrated FETs
More results

Descripción similar - TPS55010RTET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
B3LF BOTHHAND-B3LF Datasheet
755Kb / 2P
   2W Isolated DC/DC Converter
B3-LF-SERIES BOTHHAND-B3-LF-SERIES Datasheet
755Kb / 2P
   2W Isolated DC/DC Converter
B9-LF-SERIES BOTHHAND-B9-LF-SERIES Datasheet
128Kb / 1P
   2W Isolated DC/DC Converter
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS55010 TI-TPS55010_15 Datasheet
2Mb / 46P
[Old version datasheet]   TPS55010 2.95-V To 6-V Input, 2 W, Isolated DC/DC Converter with Integrated FETs
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
logo
Bothhand USA, LP.
BB-LF-SERIES BOTHHAND-BB-LF-SERIES Datasheet
143Kb / 2P
   1~2W Isolated DC/DC Converter
BBLF BOTHHAND-BBLF Datasheet
143Kb / 2P
   1~2W Isolated DC/DC Converter
logo
GAPTEC Electronic GmbH ...
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com