Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61260DRVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61260DRVR
Descripción Electrónicos  TINY LOW INPUT VOLTAGE BOOST CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61260DRVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61260DRVR Datasheet HTML 8Page - Texas Instruments TPS61260DRVR Datasheet HTML 9Page - Texas Instruments TPS61260DRVR Datasheet HTML 10Page - Texas Instruments TPS61260DRVR Datasheet HTML 11Page - Texas Instruments TPS61260DRVR Datasheet HTML 12Page - Texas Instruments TPS61260DRVR Datasheet HTML 13Page - Texas Instruments TPS61260DRVR Datasheet HTML 14Page - Texas Instruments TPS61260DRVR Datasheet HTML 15Page - Texas Instruments TPS61260DRVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
÷÷
ø
ö
çç
è
æ
-
×
=
1
V
V
2
R
1
R
FB
OUT
L
C
1
L
1
VIN
VOUT
FB
C
2
EN
GND
TPS61260
VOUT
VIN
R
1
R
2
RI
R
3
OUT
I
V
200
3
R
=
(
)
s
2
.
0
I
V
V
V
V
L
OUT
2
OUT
IN
OUT
2
IN
MIN
×
×
×
-
×
=
TPS61260, TPS61261
SLVSA99
– MAY 2011
www.ti.com
APPLICATION INFORMATION
PROGRAMMING THE OUTPUT VOLTAGE
Within the TPS6126x family there are fixed and adjustable output voltage versions available. To properly
configure the fixed output voltage devices, the FB pin is used to sense the output voltage. This means that it
must be connected directly to VOUT. At the adjustable output voltage versions, an external resistor divider is
used to adjust the output voltage. The resistor divider must be connected between VOUT, FB and GND. When
the output voltage is regulated properly, the typical value of the voltage at the FB pin is 500 mV. The maximum
recommended value for the output voltage is 4.0 V. The current through the resistive divider should be about 100
times greater than the current into the FB pin. The typical current into the FB pin is 0.01
μA, and the voltage
across the resistor between FB and GND, R2, is typically 500 mV. Based on these two values, the recommended
value for R2 should be lower than 500 k
Ω, in order to set the divider current at 1 μA or higher. It is also
recommended to keep the total value for the resistor divider, R1 + R2, in the range of 1 M
Ω. From that, the value
of the resistor connected between VOUT and FB, R1, depending on the needed output voltage (VOUT), can be
calculated using Equation 1:
(1)
Figure 19. Typical Application Circuit for Adjustable Output Voltage Option
PROGRAMMING THE OUTPUT CURRENT
The devices of the TPS6126x family also support average output current regulation. An external resistor is used
to program the average output current. The resistor must be connected between RI and GND. When the average
output current is regulated properly, the typical value of the voltage at the RI pin is 400 mV. The maximum
recommended value for the regulated average output current is 100 mA. The value of the resistor R3 should be
between 2 k
Ω and 20 kΩ. It can be calculated, depending on the needed average output current (IOUT), using
Equation 2:
(2)
Accurate regulation of the average output current only is possible if the inductor current is continuous. Please
check the INDUCTOR SELECTION section to calculate the required parameters for selecting an appropriate
inductor.
INDUCTOR SELECTION
To properly configure the TPS6126x devices, an inductor must be connected between the supply voltage and pin
L. To estimate the minimum inductance value for accurate average output current regulation, Equation 3 can be
used.
(3)
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - TPS61260DRVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61260DRVR TI1-TPS61260DRVR Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
More results

Descripción similar - TPS61260DRVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com