Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61260DRVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61260DRVT
Descripción Electrónicos  TINY LOW INPUT VOLTAGE BOOST CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61260DRVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61260DRVT Datasheet HTML 5Page - Texas Instruments TPS61260DRVT Datasheet HTML 6Page - Texas Instruments TPS61260DRVT Datasheet HTML 7Page - Texas Instruments TPS61260DRVT Datasheet HTML 8Page - Texas Instruments TPS61260DRVT Datasheet HTML 9Page - Texas Instruments TPS61260DRVT Datasheet HTML 10Page - Texas Instruments TPS61260DRVT Datasheet HTML 11Page - Texas Instruments TPS61260DRVT Datasheet HTML 12Page - Texas Instruments TPS61260DRVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
V
= 1.2 V, V
I
= 5 mA to 45 mA
IN
OUT
OUT = 3.3 V,
Time 2 ms/div
Output Voltage
100 mV/div, AC
Inductor Current
200 mA/div, DC
Output Current
20 mA/div, DC
V
= 1.0 V to 1.5 V, V
I
= 50 mA
IN
OUT
OUT = 3.3 V,
Time 2 ms/div
Output Voltage
100 mV/div, AC
Inductor Current
100 mA/div, DC
Input Voltage
1 V/div, DC
V
= 1.2 V, V
IN
OUT = 3.3 V
Time 400 s/div
m
Output Voltage
2 V/div, DC
Inductor Current
200 mA/div, DC
Enable Voltage
1 V/div, DC
Output Current
10 mA/div, DC
V
= 2.5 V, V
IN
OUT = 3.3 V
Time 400 s/div
m
Output Voltage
2 V/div, DC
Inductor Current
200 mA/div, DC
Enable Voltage
1 V/div, DC
Output Current
10 mA/div, DC
L
C
1
L
1
VIN
VOUT
FB
C
2
EN
GND
TPS61260
VOUT
VIN
R
1
R
2
RI
R
3
TPS61260, TPS61261
www.ti.com
SLVSA99
– MAY 2011
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 15.
Figure 16.
STARTUP AFTER ENABLE
STARTUP AFTER ENABLE
Figure 17.
Figure 18.
PARAMETER MEASUREMENT INFORMATION
Table 1. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
TPS6126 0 / 1
Texas Instruments
L1
4.7
μH, 2.5 mm x 2 mm
LQM2HPN4R7MG0, Murata
C1
10
μF 6.3V, 0603, X5R ceramic
GRM188R60J106KME84D, Murata
C2
10
μF 6.3V, 0603, X5R ceramic
GRM188R60J106KME84D, Murata
R1
Depending on the output voltage at TPS61260, 0
Ω at TPS61261
R2
Depending on the output voltage at TPS61260, not used at TPS61261
R3
Depending on the output current
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Número de pieza similar - TPS61260DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61260DRVT TI1-TPS61260DRVT Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
More results

Descripción similar - TPS61260DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com