Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62060DSGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62060DSGR
Descripción Electrónicos  3-MHz 1.6A Step Down Converter in 2x2 SON Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62060DSGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62060DSGR Datasheet HTML 7Page - Texas Instruments TPS62060DSGR Datasheet HTML 8Page - Texas Instruments TPS62060DSGR Datasheet HTML 9Page - Texas Instruments TPS62060DSGR Datasheet HTML 10Page - Texas Instruments TPS62060DSGR Datasheet HTML 11Page - Texas Instruments TPS62060DSGR Datasheet HTML 12Page - Texas Instruments TPS62060DSGR Datasheet HTML 13Page - Texas Instruments TPS62060DSGR Datasheet HTML 14Page - Texas Instruments TPS62060DSGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TimeBase-100 ms/Div
500mV/Div
V
=3.6Vto4.2V,
V
=1.8V,
I
=50mA,
L =1.2
H,
C
=10
IN
OUT
OUT
OUT
m
mF
50mV/Div
TimeBase-100 ms/Div
2V/Div
500mA/Div
2 A/Div
1V/Div
500mA/Div
V
=3.6V,
V
=1.8V,
Load=2R2
IN
OUT
L =1.2
H,
C
=10
F
m
m
OUT
TimeBase-2ms/Div
SW
2V/Div
1V/Div
V
OUT
EN
1V/Div
V
=3.6V,
V
=1.8V,
C
=10
F,
NoLoad
IN
OUT
OUT
m
TPS62061, TPS62063
TPS62060
www.ti.com
SLVSA95A
– MARCH 2010 – REVISED JANUARY 2011
Figure 19. Line Transient PFM Mode
Figure 20. Startup Into Load
– VOUT 1.8 V
Figure 21. Output Discharge
Copyright
© 2010–2011, Texas Instruments Incorporated
11


Número de pieza similar - TPS62060DSGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62060DSGR TI-TPS62060DSGR Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060DSGR TI1-TPS62060DSGR Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
More results

Descripción similar - TPS62060DSGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com