Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65180B Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65180B
Descripción Electrónicos  PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65180B Datasheet(HTML) 4 Page - Texas Instruments

  TPS65180B Datasheet HTML 1Page - Texas Instruments TPS65180B Datasheet HTML 2Page - Texas Instruments TPS65180B Datasheet HTML 3Page - Texas Instruments TPS65180B Datasheet HTML 4Page - Texas Instruments TPS65180B Datasheet HTML 5Page - Texas Instruments TPS65180B Datasheet HTML 6Page - Texas Instruments TPS65180B Datasheet HTML 7Page - Texas Instruments TPS65180B Datasheet HTML 8Page - Texas Instruments TPS65180B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
VDDH_IN - 37
N/C - 38
N/C - 39
VB_SW - 40
PGND3 - 41
VB - 42
VPOS_IN - 43
VPOS - 44
VIN3P3 - 45
V3P3 - 46
TS - 47
AGND2 - 48
23 - PBKG
22 - PWR0
21 - PWR1
20 - PWR2
19 - PWR3
18 - SDA
17 - SCL
16 - VCOM_PWR
15 - VCOM
14 - VCOM_PANEL
13 - N/C
24 - PWR_GOOD
RGZ PACKAGE
(TOP VIEW)
TPS65180, TPS65181, TPS65180B, TPS65181B
SLVSA76F
– MARCH 2010 – REVISED FEBRUARY 2011
www.ti.com
DEVICE INFORMATION
TERMINAL FUNCTIONS
(1)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VREF
1
O
Filter pin for 2.25-V internal reference to ADC
nINT
2
O
Open drain interrupt pin (active low)
VNEG
3
O
Negative supply output pin for panel source drivers
VNEG_IN
4
I
Input pin for LDO2 (VNEG)
WAKEUP
5
I
Wake up pin (active high). Pull this pin high to wake up from sleep mode.
DGND
6
Digital ground
INT_LDO2
7
O
Internal supply (digital circuitry) filter pin
AGND1
8
Analog ground for general analog circuitry
INT_LDO1
9
O
Internal supply (analog circuitry) filter pin
VIN
10
I
Input power supply to general circuitry
Analog input for conventional VCOM setup method. Tie this pin to ground if VCOM is set
VCOM_XADJ
11
I
through I2C interface.
VCOM_CTRL
12
I
VCOM_PANEL gate driver enable (active high)
N/C
13
Not connected
(1)
There will be 0-ns, 93.75-
µs, 62.52-µs of deglitch for PWRx, WAKEUP, and VCOM_CTRL, respectively.
4
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS65180 TPS65181 TPS65180B TPS65181B


Número de pieza similar - TPS65180B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180BRGZR TI1-TPS65180BRGZR Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180BRGZR TI1-TPS65180BRGZR Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65180BRGZT TI1-TPS65180BRGZT Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65180BRGZT TI1-TPS65180BRGZT Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
More results

Descripción similar - TPS65180B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com