Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65181RGZR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65181RGZR
Descripción Electrónicos  PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65181RGZR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65181RGZR Datasheet HTML 3Page - Texas Instruments TPS65181RGZR Datasheet HTML 4Page - Texas Instruments TPS65181RGZR Datasheet HTML 5Page - Texas Instruments TPS65181RGZR Datasheet HTML 6Page - Texas Instruments TPS65181RGZR Datasheet HTML 7Page - Texas Instruments TPS65181RGZR Datasheet HTML 8Page - Texas Instruments TPS65181RGZR Datasheet HTML 9Page - Texas Instruments TPS65181RGZR Datasheet HTML 10Page - Texas Instruments TPS65181RGZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TPS65180, TPS65181, TPS65180B, TPS65181B
www.ti.com
SLVSA76F
– MARCH 2010 – REVISED FEBRUARY 2011
ELECTRICAL CHARACTERISTICS
VIN = 3.7 V, TA = –10°C to 85ºC, Typical values are at TA = 25ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
VIN
Input voltage range
3
3.7
6
V
VUVLO
Undervoltage lockout threshold
VIN falling
2.9
V
VHYS
Undervoltage lockout hysteresis
VIN rising
400
mV
INPUT CURRENT
Operating quiescent current into
IQ
Device switching, no load
5.5
mA
VIN
Operating quiescent current into
ISTD
Device in standby mode
130
µA
VIN
ISLEEP
Shutdown current
Device in sleep mode
2.8
10
µA
INTERNAL SUPPLIES
VINT_LDO1
Internal supply
2.7
V
VINT_LDO2
Internal supply
2.7
V
VREF
Internal supply
2.25
V
DCDC1 (POSITIVE BOOST REGULATOR)
VIN
Input voltage range
3
3.7
6
V
Output voltage range
17
V
VOUT
DC set tolerance
-5
5
%
IOUT
Output current
160
mA
RDS(ON)
MOSFET on resistance
VIN = 3.7 V
350
m
Switch current limit
1.5
A
ILIMIT
Switch current accuracy
-30
30
%
fSW
Switching frequency
1
MHz
L
Inductor
2.2
µH
C
Capacitor
2x4.7
µF
ESR
Capacitor ESR
20
m
DCDC2 (INVERTING BUCK-BOOST REGULATOR)
VIN
Input voltage range
3
3.7
6
V
Output voltage range
-17
V
VOUT
DC set tolerance
-5
5
%
IOUT
Output current
160
mA
RDS(ON)
MOSFET on resistance
VIN = 3.7 V
350
m
Switch current limit
1.5
A
ILIMIT
Switch current accuracy
-30
30
%
L
Inductor
4.7
µH
C
Capacitor
2x4.7
µF
ESR
Capacitor ESR
20
m
LDO1 (VPOS)
VPOS_IN
Input voltage range
16.15
17
17.85
V
VIN = 17 V,
VSET
Output voltage set value
14.25
15
15.75
V
VPOS_SET[2:0] = 0x0h to 0x7h
VINTERVAL
Output voltage set resolution
VIN = 17 V
250
mV
VPOS_OUT
Output voltage range
VSET = 15 V, ILOAD = 20 mA
14.85
15
15.15
V
VOUTTOL
Output tolerance
VSET = 15 V, ILOAD = 20 mA
-1
1
%
VDROPOUT
Dropout voltage
ILOAD = 120 mA
250
mV
VLOADREG
Load regulation
– DC
ILOAD = 10% to 90%
1
%
ILOAD
Load current range
120
mA
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65180 TPS65181 TPS65180B TPS65181B


Número de pieza similar - TPS65181RGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65181RGZR TI-TPS65181RGZR Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65181RGZR TI1-TPS65181RGZR Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65181RGZR TI1-TPS65181RGZR Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
More results

Descripción similar - TPS65181RGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com